Moteur de recherche de fiches techniques de composants électroniques |
|
AK5558VN Fiches technique(PDF) 37 Page - Asahi Kasei Microsystems |
|
AK5558VN Fiches technique(HTML) 37 Page - Asahi Kasei Microsystems |
37 / 70 page [AK5558] 015099850-E-00 2016/03 - 37 - Cascade Connection in TDM Mode The AK5558 supports cascade connection in TDM mode. All A/D converted data of connected AK5558 are output from the SDTO1 pin of the last AK5558 by cascade connection. When the ODP pin = “L”, a cascade connection of two devices in TDM512 mode is supported. Figure 29 shows a connection example. When the ODP pin = “H”, a cascade connection of two up to sixteen devices is available. When using multiple devices in slave mode on cascade connection, internal operation timing of each device may differ for one MCLK cycle depending on MCLK and BICK input timings. To prevent this timing difference, BICK “↓” should be more than ± 10ns from MCLK “↑” as shown in Table 10. To realize this timing, BICK divided by two should be input on a falling edge of MCLK as shown in Figure 54に when MCLK=2xBICK (normal speed 1024fs mode). When MCLK=BICK (normal speed 512fs mode), MCLK and BICK should be input in-phase as shown in Figure 55 to satisfy the timing shown in Table 10 48kHz 512fs 16ch TDM 256fs, 512fs or 1024fs GND LRCK AK5558 #1 BICK TDMIN SDTO1 MCLK LRCK AK5558 #2 BICK TDMIN SDTO1 MCLK TDM512 48kHz 512fs 16ch TDM 256fs, 512fs or 1024fs GND LRCK AK5558 #1 BICK TDMIN SDTO1 MCLK LRCK AK5558 #2 BICK TDMIN SDTO1 MCLK TDM512 Slave mode Slave mode Master mode Slave mode Figure 29. Cascade Connection |
Numéro de pièce similaire - AK5558VN_16 |
|
Description similaire - AK5558VN_16 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |