Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK5556VN Fiches technique(PDF) 23 Page - Asahi Kasei Microsystems

No de pièce AK5556VN
Description  6-Channel Differential 32-bit ADC
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5556VN Fiches technique(HTML) 23 Page - Asahi Kasei Microsystems

Back Button AK5556VN_16 Datasheet HTML 19Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 20Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 21Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 22Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 23Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 24Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 25Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 26Page - Asahi Kasei Microsystems AK5556VN_16 Datasheet HTML 27Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
[AK5556]
015099857-E-00
2016/03
- 23 -
(Ta=
40 - +105 C; AVDD= 4.5-5.5 V, TVDD= 1.7-1.98 V (LDOE pin=“L”) or 3.0-3.6 V (LDOE pin=“H”),
VDD18= 1.7-1.98 V
(LDOE pin=“L”), C
L= 10 pF)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Audio Interface Timing (Master mode) (Figure 22)
TDM128 mode (TDM1-
0 bits = “01”)
BICK Period
Normal Speed mode
Double Speed mode
Quad Speed mode
BICK Duty
BICK “↓” to LRCK Edge
BICK “↓” to SDTO1/2
TDMIN Hold Time
TDMIN Setup Time
tBCK
tBCK
tBCK
dBCK
tMBLR
tBSD
tSDH
tSDS
-
-
-
-
5
5
5
5
1/128fsn
1/128fsd
1/128fsq
50
-
-
-
-
-
-
-
-
5
5
-
-
ns
ns
ns
%
ns
ns
ns
ns
TDM256 mode (TDM1-
0 bits = “10”)
BICK Period
Normal Speed mode
Double Speed mode
BICK Duty
BICK “↓” to LRCK Edge
BICK “↓” to SDTO1
TDMIN Hold Time
TDMIN Setup Time
tBCK
tBCK
dBCK
tMBLR
tBSD
tSDH
tSDS
-
-
-
5
5
5
5
1/256fsn
1/256fsd
50
-
-
-
-
-
-
-
5
5
-
-
ns
ns
%
ns
ns
ns
ns
TDM512 mode (TDM1-
0 bits = “11”)
BICK Period
Normal Speed mode
BICK Duty
BICK “↓” to LRCK Edge
BICK “↓” to SDTO1
TDMIN Hold Time
TDMIN Setup Time
tBCK
dBCK
tMBLR
tBSD
tSDH
tSDS
-
-
5
5
5
5
1/512fsn
50
-
-
-
-
-
-
5
5
-
-
ns
%
ns
ns
ns
ns
Note 18. When the 1024fs, 512fs or 768fs /256fs or 384fs /128fs or 192fs are switched, the AK5556
should be reset by the PDN pin or RSTN bit.


Numéro de pièce similaire - AK5556VN_16

FabricantNo de pièceFiches techniqueDescription
logo
HuaXinAn Electronics CO...
AK5556VN HUAXINAN-AK5556VN Datasheet
135Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5556VN AKM-AK5556VN Datasheet
135Kb / 5P
   115dB 768kHz 32-bit 6ch ADC with 4Filters
More results

Description similaire - AK5556VN_16

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5556 AKM-AK5556 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5536VN AKM-AK5536VN Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5576EN AKM-AK5576EN Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5536 AKM-AK5536 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com