Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK5554VN Fiches technique(PDF) 39 Page - Asahi Kasei Microsystems

No de pièce AK5554VN
Description  4-Channel Differential 32-bit ADC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5554VN Fiches technique(HTML) 39 Page - Asahi Kasei Microsystems

Back Button AK5554VN_16 Datasheet HTML 35Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 36Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 37Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 38Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 39Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 40Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 41Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 42Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 43Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
[AK5554]
015099864-E-00
2016/03
- 39 -
LRCK (Slave)
BICK (32fs)
SDTO1-2 (O)
14
9
AIN1/3 Data
16 BICK
32 BICK
6
1
0
14
9
AIN2/4 Data
16 BICK
6
1
LRCK (Master)
14
15
8
7
0 15
8
7
0 15
Figure 34. Mode 8/16 Timing (Normal mode, OCT/HEX Speed mode, MSB Justified, 16-bit)
LRCK (Slave)
BICK (32fs)
SDTO1-2 (O)
14
9
AIN1/3/5 Data
16 BICK
32 BICK
6
1
0
14
9
AIN2/4/6 Data
16 BICK
6
1
LRCK (Master)
14
15
8
7
0 15
8
7
0 15
Figure 35. Mode 9/17 Timing (Normal mode, OCT/HEX Speed mode, I
2S Compatible, 16-bit)
LRCK (Slave)
BICK (48fs)
SDTO1-2 (O)
22
13
AIN1/3 Data
24 BICK
48 BICK
10
1
0
22
13
AIN2/4 Data
24 BICK
10
1
LRCK (Master)
22
23
12 11
0 23
12 11
0 23
Figure 36. Mode 10/18 Timing (Normal mode, OCT/HEX Speed mode, MSB Justified, 24-bit)
LRCK (Slave)
BICK (48fs)
SDTO1-2 (O)
22
13
AIN1/3 Data
24 BICK
48 BICK
10
1
0
22
13
AIN2/4 Data
24 BICK
10
1
LRCK (Master)
22
23
12 11
0 23
12 11
0 23
Figure 37. Mode 11/19 Timing (Normal mode, OCT/HEX Speed mode, I
2S Compatible, 24-bit)


Numéro de pièce similaire - AK5554VN_16

FabricantNo de pièceFiches techniqueDescription
logo
HuaXinAn Electronics CO...
AK5554VN HUAXINAN-AK5554VN Datasheet
125Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5554VN AKM-AK5554VN Datasheet
125Kb / 5P
   115dB 768kHz 32-bit 4ch ADC with 4Filters
More results

Description similaire - AK5554VN_16

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5554 AKM-AK5554 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5534VN AKM-AK5534VN Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5534 AKM-AK5534 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?꾬걪 ADC
AK5574EN AKM-AK5574EN Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?誇 ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com