Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK5552VN Fiches technique(PDF) 66 Page - Asahi Kasei Microsystems

No de pièce AK5552VN
Description  2-Channel Differential 32-bit ADC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5552VN Fiches technique(HTML) 66 Page - Asahi Kasei Microsystems

Back Button AK5552VN_16 Datasheet HTML 60Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 61Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 62Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 63Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 64Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 65Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 66Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 67Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 68Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 66 / 68 page
background image
[AK5552]
015099871-E-00
2016/03
- 66 -
14. Package
Outline Dimensions
48-pin QFN (Unit mm)
Material & Lead Finish
Package molding compound: Epoxy resin
Lead frame material:
Cu
Terminal surface treatment: Solder (Pb free) plate
Marking
1)
Pin #1 indication
2)
Date Code: XXXXXXX (7 digits)
3)
Marketing Code: AK5552VN
4)
AKM Logo
AKM
AK5552VN
XXXXXXX
1
C
B
0.08
C
A
0.40±0.10
+0.07
-0.05
7.00±0.10
6.75±0.10
5.1
0.50
0.23
M
0.10
AB


Numéro de pièce similaire - AK5552VN_16

FabricantNo de pièceFiches techniqueDescription
logo
HuaXinAn Electronics CO...
AK5552VN HUAXINAN-AK5552VN Datasheet
124Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5552VN AKM-AK5552VN Datasheet
124Kb / 5P
   115dB 768kHz 32-bit 2ch ?꾬걪 ADC with 4Filters
More results

Description similaire - AK5552VN_16

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5552 AKM-AK5552 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5572EN AKM-AK5572EN Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ?꾬걪 ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5556 AKM-AK5556 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5538 AKM-AK5538 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com