Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XEC24P3-30G Fiches technique(PDF) 1 Page - Anaren Microwave

No de pièce XEC24P3-30G
Description  Production Friendly
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANAREN [Anaren Microwave]
Site Internet  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XEC24P3-30G Fiches technique(HTML) 1 Page - Anaren Microwave

  XEC24P3-30G Datasheet HTML 1Page - Anaren Microwave XEC24P3-30G Datasheet HTML 2Page - Anaren Microwave XEC24P3-30G Datasheet HTML 3Page - Anaren Microwave XEC24P3-30G Datasheet HTML 4Page - Anaren Microwave XEC24P3-30G Datasheet HTML 5Page - Anaren Microwave XEC24P3-30G Datasheet HTML 6Page - Anaren Microwave XEC24P3-30G Datasheet HTML 7Page - Anaren Microwave XEC24P3-30G Datasheet HTML 8Page - Anaren Microwave XEC24P3-30G Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model XEC24P3-30G
Rev B
30 dB Directional Coupler
Description
The XEC24P3-30G is a low profile, high performance 30dB directional
coupler in an easy to use, manufacturing friendly surface mount package. It
is designed for IMS band, RF heating applications in the 2400 MHz to 2500
MHz range. It can be used in high power applications up to 300 Watts.
Parts have been subjected to rigorous qualification testing and they are
manufactured using materials with coefficients of thermal expansion (CTE)
compatible with common substrates such as FR4, G-10, RF-35, RO4350 and
polyimide. Available in 6 of 6 ENIG (XEC24P3-30G) RoHS compliant finish.
Electrical Specifications
**
Features:
 2400 - 2500 MHz
 High Power
 Very Low Loss
 Tight Coupling
 High Directivity
 Production Friendly
 Tape and Reel
 ENIG Finish
Frequency
Mean
Coupling
Insertion
Loss
VSWR
Directivity
MHz
dB
dB Max
Max : 1
dB Min
2400 – 2500
30.0 ± 1.0
0.1
1.15
20
Frequency
Sensitivity
Power
Operating
Temp.
dB Max
Avg. CW
Watts
ºC
± 0.25
300
-55 to +95
*Power Handling for commercial, non-life critical applications. See derating chart for other applications
**Specification based on performance of unit properly installed on Anaren Test Board 66934-0001. Refer to
Specifications subject to change without notice. Refer to parameter definitions for details.
Mechanical Outline
Dimensions are in Inches [Millimeters]
XEC24P3-30G Mechanical Outline
Tolerances are Non-cumulative
.250±.010
[6.35±0.25]
.200±.010
[5.08±0.25]
Orientation Mark
Denotes Pin 1
Pin 1
Pin 2
Pin 3
Pin 4
Denotes Array Row (RR)
& Column (CC)
Gnd
Pin 1
Pin 2
Pin 3
Pin 4
.061±.006
[1.54±0.15]
4X .020±.004
[0.51±0.10]
4X .034±.004 SQ
[0.86±0.10]
4X .020±.004
[0.51±0.10]
.120±.004
[3.05±0.10]
.170±.004
[4.32±0.10]
Gnd


Numéro de pièce similaire - XEC24P3-30G

FabricantNo de pièceFiches techniqueDescription
logo
Anaren Microwave
XEC24A6-03G ANAREN-XEC24A6-03G Datasheet
2Mb / 19P
   High Power
XEC24E3-03G ANAREN-XEC24E3-03G Datasheet
2Mb / 18P
   2400-2500 MHz
More results

Description similaire - XEC24P3-30G

FabricantNo de pièceFiches techniqueDescription
logo
Anaren Microwave
X3C07P1-04S ANAREN-X3C07P1-04S Datasheet
1,018Kb / 19P
   Production Friendly
X3C09P1-05S ANAREN-X3C09P1-05S Datasheet
954Kb / 17P
   Production Friendly
XDL20-11-180S ANAREN-XDL20-11-180S Datasheet
152Kb / 3P
   Production Friendly
XDL21-7-110 ANAREN-XDL21-7-110 Datasheet
385Kb / 3P
   Production Friendly
XDL15-3-030S ANAREN-XDL15-3-030S Datasheet
432Kb / 6P
   Production Friendly
X3C35F1-02S ANAREN-X3C35F1-02S Datasheet
878Kb / 18P
   Production Friendly
XDL09-8-080 ANAREN-XDL09-8-080 Datasheet
190Kb / 3P
   Production Friendly
X3C19P1-04S ANAREN-X3C19P1-04S Datasheet
594Kb / 19P
   Production Friendly
X3C07P1-05S ANAREN-X3C07P1-05S Datasheet
942Kb / 17P
   Production Friendly
X3C25P1-04S ANAREN-X3C25P1-04S Datasheet
1Mb / 19P
   Production Friendly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com