Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA7540D Fiches technique(PDF) 3 Page - Samsung semiconductor

No de pièce KA7540D
Description  Simple Dimming Ballast Control IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA7540D Fiches technique(HTML) 3 Page - Samsung semiconductor

  KA7540D Datasheet HTML 1Page - Samsung semiconductor KA7540D Datasheet HTML 2Page - Samsung semiconductor KA7540D Datasheet HTML 3Page - Samsung semiconductor KA7540D Datasheet HTML 4Page - Samsung semiconductor KA7540D Datasheet HTML 5Page - Samsung semiconductor KA7540D Datasheet HTML 6Page - Samsung semiconductor KA7540D Datasheet HTML 7Page - Samsung semiconductor KA7540D Datasheet HTML 8Page - Samsung semiconductor KA7540D Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
KA7540
KA7540
KA7540
KA7540
3
3
3
3
Pin Assignments
Pin Assignments
Pin Assignments
Pin Assignments
Pin Definitions
Pin Definitions
Pin Definitions
Pin Definitions
Pin Number
Pin Number
Pin Number
Pin Number
Pin Name
Pin Name
Pin Name
Pin Name
Pin Function Description
Pin Function Description
Pin Function Description
Pin Function Description
1CS
Soft start capacitor connection pin. The pin voltage determines the phase of soft
start, normal and dimming mode.
2CT
Timing capacitor connection pin. The timing capacitor is charged and discharged
to generate the sawtooth waveform that determines the oscillation frequency in
the internal oscillator block.
3Vdim
Input to the dimming stage. The pin voltage sets the switching frequency in
dimming mode.
4
Ldet
Input to the protection circuit. If the pin voltage is lower than 2V, the output of the
gate driver is inhibited.
5
GND
The ground potential of all the pins.
6OUT 2
The output of a high current power driver capable of driving the gate of a power
MOSFET.
7OUT 1
The output of a high current power driver capable of driving the gate of a power
MOSFET.
8VCC
The logic and control power supply connection.
1
2
3
4
5
6
7
8
CS
Ct
Ldet
VCC
OUT1
OUT2
GND
(Top View)
Vdim


Numéro de pièce similaire - KA7540D

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
   Simple Ballast Controller
KA7541D FAIRCHILD-KA7541D Datasheet
95Kb / 14P
   Simple Ballast Controller
KA75420 FAIRCHILD-KA75420 Datasheet
48Kb / 8P
   Voltage Detector
KA75420M FAIRCHILD-KA75420M Datasheet
48Kb / 8P
   Voltage Detector
KA75420M FAIRCHILD-KA75420M Datasheet
55Kb / 8P
   Voltage Detector
More results

Description similaire - KA7540D

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR2159 IRF-IR2159 Datasheet
261Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21593PBF IRF-IR21593PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592PBF IRF-IR21592PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR2159S IRF-IR2159S Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
IRS2530D IRF-IRS2530D Datasheet
461Kb / 23P
   DIM8TM DIMMING BALLAST CONTROL IC
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
   Dimming Ballast Control IC Design Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com