Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA7543 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce KA7543
Description  Advanced Feedback Dimming Ballast Control IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7543 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button KA7543 Datasheet HTML 2Page - Fairchild Semiconductor KA7543 Datasheet HTML 3Page - Fairchild Semiconductor KA7543 Datasheet HTML 4Page - Fairchild Semiconductor KA7543 Datasheet HTML 5Page - Fairchild Semiconductor KA7543 Datasheet HTML 6Page - Fairchild Semiconductor KA7543 Datasheet HTML 7Page - Fairchild Semiconductor KA7543 Datasheet HTML 8Page - Fairchild Semiconductor KA7543 Datasheet HTML 9Page - Fairchild Semiconductor KA7543 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
KA7543
6
Operating Description
Figure 1. Operation Characteristics
The KA7543 is an advanced, lamp current feedback ballast dimming control IC which drives half bridge converter. This
control IC provides all the necessary features to implement wide range dimming control, soft-start and constant power
consumption for the intelligent electronic ballast system. The number of external components can be minimized by adopting
the KA7543. Protection circuitry, no lamp protection, abnormal protection, one lamp detection, UVLO and restart on lamp
adding have been included in the KA7543. Fig. 1 shows the operational characteristic of the KA7543 according to time and
lamp count variation. When the Vcc voltage reaches the start-up threshold voltage(9.5V), the soft start capacitor begins to be
charged. When the Cs pin voltage, Vcs is over 2V, the soft start operation ends. During the soft start operation, the reference
voltage which controls the lamp current is proportional to Vcs. Dimming operation starts when Vcs becomes 4V and the
change rate of dimming is determined by the capacitor connected to the Cdm pin. The more smooth dimming can be
accomplished by the larger capacitor connected to the Cdm pin.
UVLO(Under Voltage Lock Out)
Figure 2. UVLO
Until the Vcc voltage reaches the start-up threshold voltage(9.5V), UVLO circuit lowers the IC operating current below
270
µA. When the Vcc voltage reaches the start-up threshold voltage, it generates IC reference voltage(Vref) and supplies bias
current for the whole circuitry. The hysteresis of UVLO circuit is 1.8V.
2V
1V
0.5V
2V
1V
0
Vdm
t[sec]
soft moving on dimming
lamp change
lamp feedback
Vcs
Vfb
1Lamp
2Lamp
3
bias
2V
sw
2V Vref
(bandgap)
Internal
bias
7V
9.5V
1.8V
7V Vz
Supply
Reset Cs
UVLO
+
-
Vcc
To output


Numéro de pièce similaire - KA7543

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
KA7540D SAMSUNG-KA7540D Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Fairchild Semiconductor
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
   Simple Ballast Controller
KA7541D FAIRCHILD-KA7541D Datasheet
95Kb / 14P
   Simple Ballast Controller
KA75420 FAIRCHILD-KA75420 Datasheet
48Kb / 8P
   Voltage Detector
More results

Description similaire - KA7543

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR2159 IRF-IR2159 Datasheet
261Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21593PBF IRF-IR21593PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592PBF IRF-IR21592PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR2159S IRF-IR2159S Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
International Rectifier
IRS2530D IRF-IRS2530D Datasheet
461Kb / 23P
   DIM8TM DIMMING BALLAST CONTROL IC
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com