Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA7540 Fiches technique(PDF) 6 Page - Samsung semiconductor

No de pièce KA7540
Description  Simple Dimming Ballast Control IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA7540 Fiches technique(HTML) 6 Page - Samsung semiconductor

Back Button KA7540 Datasheet HTML 2Page - Samsung semiconductor KA7540 Datasheet HTML 3Page - Samsung semiconductor KA7540 Datasheet HTML 4Page - Samsung semiconductor KA7540 Datasheet HTML 5Page - Samsung semiconductor KA7540 Datasheet HTML 6Page - Samsung semiconductor KA7540 Datasheet HTML 7Page - Samsung semiconductor KA7540 Datasheet HTML 8Page - Samsung semiconductor KA7540 Datasheet HTML 9Page - Samsung semiconductor KA7540 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
KA7540
KA7540
KA7540
KA7540
6
6
6
6
Start-up Circuit
Start-up Circuit
Start-up Circuit
Start-up Circuit
Start-up current is supplied to the IC through the start-up resistor (Rst). In order to reduce the power dissipation in Rst, the Rst
is connected to the full-wave rectified AC line voltage.
The following equation can be used to calculate the value of Rst.
The value of start-up capacitor (Cst) is normally determined in terms of the start-up time and operating current build up time
with the auxiliary operating current source.
The turn-off snubber capacitor (Cq2) and two diodes (D1, D2) constitute the auxiliary operating current source for the IC. The
charging current through the Cq2 flows into the IC and also charges the start-up capacitor. If the value of Cq2 is increased, the
VCC voltage of the Cst is also increased.
Figure 1. Start-up circuit
Figure 1. Start-up circuit
Figure 1. Start-up circuit
Figure 1. Start-up circuit
Oscillator
Oscillator
Oscillator
Oscillator
The frequency of the gate drive output is as half as that of the triangular waveform in timing capacitor (Ct) at pin #2. In normal
operating mode, the timing capacitor charging current is 50
µA. The discharging current is seven times of the charging current
(7
× 50µA). During the charging period, one of the two MOSFETs remains ON state. On the contrary both of MOSFETs are
OFF during the discharging period.
The rising slope and falling slope of the triangular waveform are as following.
Rising slope: dv / dt = i / C = 50
µA / Ct
Falling slope: dv / dt = i / C = 7
× 50µA / Ct
For example, when the timing capacitor is 470pF,
∆V(Vhigh - Vlow) = (2.86V - 1.0V) = 1.86V,
∆Tch = 17.5µs, ∆Tdis = 2.5µs
R
st
Vin ac
()
2Vth st
() max
,
×
lst max
,
----------------------------------------------------------------------------
85
2
13.5
×
0.3
10
3
×
--------------------------------------
356K
=
=
P
Rst
Vin ac_max
()
2V
CC
()
2
Rst
----------------------------------------------------------------------------
1W
=
Rst
Vin ac_max
()
2V
CC
()
2
Rst
130K
130K
Ω Rst 356KΩ
≤≤
Q1
Q2
Cq2
D1
D2
Rectifier
Output
Rst
Cst
+
To VCC
(Pin 8)


Numéro de pièce similaire - KA7540

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
   Simple Ballast Controller
KA7541D FAIRCHILD-KA7541D Datasheet
95Kb / 14P
   Simple Ballast Controller
KA75420 FAIRCHILD-KA75420 Datasheet
48Kb / 8P
   Voltage Detector
KA75420M FAIRCHILD-KA75420M Datasheet
48Kb / 8P
   Voltage Detector
KA75420M FAIRCHILD-KA75420M Datasheet
55Kb / 8P
   Voltage Detector
More results

Description similaire - KA7540

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR2159 IRF-IR2159 Datasheet
261Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21593PBF IRF-IR21593PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592PBF IRF-IR21592PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR2159S IRF-IR2159S Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
IRS2530D IRF-IRS2530D Datasheet
461Kb / 23P
   DIM8TM DIMMING BALLAST CONTROL IC
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
   Dimming Ballast Control IC Design Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com