Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-ISA139V1 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STEVAL-ISA139V1
Description  350 mA valley current limit adjustable step-down regulator based on the PM6644
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA139V1 Fiches technique(HTML) 3 Page - STMicroelectronics

  STEVAL-ISA139V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA139V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA139V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA139V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STEVAL-ISA139V1
Revision history
DocID026819 Rev 1
3/4
2
Revision history
Table 1: Document revision history
Date
Revision
Changes
28-Aug-2014
1
Initial release.


Numéro de pièce similaire - STEVAL-ISA139V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-ISA130V1 STMICROELECTRONICS-STEVAL-ISA130V1 Datasheet
191Kb / 4P
   12 V 140 mA 30 kHz non-isolated buck topology regulator based on VIPer06XN
August 2013 Rev 1
STEVAL-ISA131V1 STMICROELECTRONICS-STEVAL-ISA131V1 Datasheet
187Kb / 4P
   1.82 V - 500 mA, 6 MHz synchronous step-down converter based on the ST1S15
January 2014 Rev 1
STEVAL-ISA131V2 STMICROELECTRONICS-STEVAL-ISA131V2 Datasheet
155Kb / 5P
   2.8 V - 500 mA, 6 MHz synchronous step-down converter based on ST1S15J28R
July 2014 Rev 1
STEVAL-ISA131V3 STMICROELECTRONICS-STEVAL-ISA131V3 Datasheet
87Kb / 4P
   1.82 V ??500 mA, 6 MHz synchronous step-down converter based on the ST1S15
January 2014 Rev 1
STEVAL-ISA132V1 STMICROELECTRONICS-STEVAL-ISA132V1 Datasheet
316Kb / 4P
   300 W peak power (170 W continuous power) LLC resonant converter based on L6699, STB13N60M2 and STPS20H100CG
May 2015 Rev 2
More results

Description similaire - STEVAL-ISA139V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
PM6644 STMICROELECTRONICS-PM6644 Datasheet
2Mb / 35P
   350 mA adjustable step-down regulator
logo
National Semiconductor ...
LM2679 NSC-LM2679 Datasheet
355Kb / 24P
   SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
LM2673 NSC-LM2673 Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
STMicroelectronics
STEVAL-ISA106V1 STMICROELECTRONICS-STEVAL-ISA106V1 Datasheet
202Kb / 4P
   1.5 A step-down switching regulator based on the L5973AD
STEVAL-ISA088V1 STMICROELECTRONICS-STEVAL-ISA088V1 Datasheet
74Kb / 4P
   1 A step-down switching regulator based on the L5970D
STEVAL-ISA090V1 STMICROELECTRONICS-STEVAL-ISA090V1 Datasheet
175Kb / 4P
   3.5 A step-down switching regulator based on the L4973
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
   2A Step-Down Converter with Adjustable Input Current Limit
logo
STMicroelectronics
STEVAL-ISA079V2 STMICROELECTRONICS-STEVAL-ISA079V2 Datasheet
106Kb / 4P
   High-efficiency monolithic synchronous step-down regulator based on the L6928
logo
Texas Instruments
LM2673 TI1-LM2673 Datasheet
2Mb / 37P
[Old version datasheet]   LM2673 SIMPLE SWITCHER짰 3-A Step-Down Voltage Regulator With Adjustable Current Limit
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com