Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL43485IB Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL43485IB
Description  3.3V, Low Power, 30Mbps, RS-485/RS-422
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43485IB Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISL43485IB Datasheet HTML 3Page - Intersil Corporation ISL43485IB Datasheet HTML 4Page - Intersil Corporation ISL43485IB Datasheet HTML 5Page - Intersil Corporation ISL43485IB Datasheet HTML 6Page - Intersil Corporation ISL43485IB Datasheet HTML 7Page - Intersil Corporation ISL43485IB Datasheet HTML 8Page - Intersil Corporation ISL43485IB Datasheet HTML 9Page - Intersil Corporation ISL43485IB Datasheet HTML 10Page - Intersil Corporation ISL43485IB Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Typical Performance Curves VCC = 3.3V, TA = 25°C; Unless Otherwise Specified
FIGURE 6. DRIVER AND RECEIVER WAVEFORMS DRIVING
200 FEET OF CAT5 CABLE (DOUBLE
TERMINATED WITH 120)
FIGURE 7. DRIVER AND RECEIVER WAVEFORMS DRIVING
300 FEET OF CAT5 CABLE (DOUBLE
TERMINATED WITH 120)
FIGURE 8. DRIVER OUTPUT CURRENT vs DIFFERENTIAL
OUTPUT VOLTAGE
FIGURE 9. DRIVER DIFFERENTIAL OUTPUT VOLTAGE vs
TEMPERATURE
FIGURE 10. DRIVER OUTPUT CURRENT vs SHORT CIRCUIT
VOLTAGE
FIGURE 11. SUPPLY CURRENT vs TEMPERATURE
TIME (20ns/DIV)
-3
1.5
3
-1.5
0
0
5
0
5
DI = 30Mbps
DRIVER+CABLE DELAY
(~290ns)
A - B
RO
TIME (20ns/DIV)
-3
1.5
3
-1.5
0
0
5
0
5
RO
DRIVER+CABLE DELAY
(~425ns)
DI = 20Mbps
A - B
DIFFERENTIAL OUTPUT VOLTAGE (V)
00.5
11.5
2
2.5
3
3.5
0
10
20
30
40
50
60
70
80
90
100
110
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
RDIFF = 54Ω
RDIFF = 100Ω
OUTPUT VOLTAGE (V)
-7 -6
-4
-2
0
2
4
6
8
10
12
-60
-40
-20
0
20
40
60
80
100
120
140
160
-80
-100
-120
Y OR Z = HIGH
Y OR Z = LOW
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
ISL83483/85, DE = VCC, RE = X
ISL83483/85, DE = RE = GND; ISL83491, DE = X, RE = GND;
ISL83488/90
600
650
700
750
800
ISL43485


Numéro de pièce similaire - ISL43485IB

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43485IB INTERSIL-ISL43485IB Datasheet
480Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL43485IB RENESAS-ISL43485IB Datasheet
660Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL43485IB-T INTERSIL-ISL43485IB-T Datasheet
480Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL43485IB-T RENESAS-ISL43485IB-T Datasheet
660Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL43485IBZ INTERSIL-ISL43485IBZ Datasheet
480Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
More results

Description similaire - ISL43485IB

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL43485 RENESAS-ISL43485 Datasheet
660Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485_05 Datasheet
480Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
ISL81485 INTERSIL-ISL81485_04 Datasheet
377Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
ISL81485 INTERSIL-ISL81485 Datasheet
371Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL81485 RENESAS-ISL81485 Datasheet
743Kb / 12P
   5V, 30Mbps, RS-485/RS-422 Transceiver
July 2004
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
SP3488 SIPEX-SP3488 Datasheet
116Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP3486 SIPEX-SP3486 Datasheet
185Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3486 SIPEX-SP3486 Datasheet
121Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3488 SIPEX-SP3488 Datasheet
174Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com