Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-ILM001V1 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STEVAL-ILM001V1
Description  Current consumption limit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILM001V1 Fiches technique(HTML) 1 Page - STMicroelectronics

  STEVAL-ILM001V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILM001V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILM001V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILM001V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
December 2010
Doc ID 18350 Rev 1
1/4
4
STEVAL-ILM001V1
Plug-in hardware module for the STM8S-DISCOVERY
interface for DALI communication
Features
Level translation from DALI voltage levels (-6.5
to 22.5 V) to microcontroller levels (3.3 V / 5 V
logic)
Proper rise/fall times for the communication
Current consumption limit (2 mA max.)
Overvoltage protection for misconnection of
rated mains voltage to DALI DA connectors
RoHS compliant
Description
The STEVAL-ILM001V1 is a plug-in module for
the STM8S-DISCOVERY kit and SW DALI library,
to create a fully working DALI slave application.
The STM8S-DISCOVERY + STEVAL-ILM001V1
work as a DALI slave device and can be
connected to and controlled by any DALI network.
The LD1 on the STM8S-DISCOVERY kit is used
as a light source. Its brightness, fade-in/out times,
etc., as defined by the DALI standard, can be
controlled through DALI to simulate a normal
lamp behavior.
The DALI (Digital Addressable Lighting Interface)
standard is a communication protocol widely used
in intelligent lighting applications. Its use is not
limited to fluorescent tube lamp dimmable
ballasts, for which it was initially designed, but
also for future LED applications.
The user is expected to be familiar with the DALI
standard and its details.
STEVAL-ILM001V1
www.st.com


Numéro de pièce similaire - STEVAL-ILM001V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-ILB001V2 STMICROELECTRONICS-STEVAL-ILB001V2 Datasheet
115Kb / 4P
   Discontinuous-conduction mode
STEVAL-ILB004V1 STMICROELECTRONICS-STEVAL-ILB004V1 Datasheet
95Kb / 4P
   Demonstration board: multipower ballast for T5 fluorescent tube lamps based on the ST7LIT19BF1 and STP5NK60Z
STEVAL-ILB005V2 STMICROELECTRONICS-STEVAL-ILB005V2 Datasheet
122Kb / 4P
   Demonstration board for the L6585DE combo IC for PFC and ballast control
STEVAL-ILB007V1 STMICROELECTRONICS-STEVAL-ILB007V1 Datasheet
90Kb / 4P
   2 x 58 W wide-range ballast based on the L6585DE combo IC
STEVAL-ILB008V1 STMICROELECTRONICS-STEVAL-ILB008V1 Datasheet
118Kb / 4P
   End-of-life detection
More results

Description similaire - STEVAL-ILM001V1

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RT2530Q RICHTEK-RT2530Q Datasheet
141Kb / 10P
   Current Limit
logo
Murata Manufacturing Co...
ZPA2326-0311A-R MURATA-ZPA2326-0311A-R Datasheet
168Kb / 2P
   current consumption
logo
Advanced Monolithic Sys...
AMS3131 ADMOS-AMS3131 Datasheet
319Kb / 9P
   Current Limit protection
AMS3132 ADMOS-AMS3132 Datasheet
439Kb / 10P
   Current Limit protection
logo
STMicroelectronics
STEVAL-ISA052V2 STMICROELECTRONICS-STEVAL-ISA052V2 Datasheet
137Kb / 4P
   Negative current limit
May 2008 Rev 1
L6995S STMICROELECTRONICS-L6995S Datasheet
478Kb / 26P
   LOSSLESS CURRENT LIMIT
April 2004 REV. 1
logo
M.S. Kennedy Corporatio...
MSK146 MSK-MSK146_15 Datasheet
246Kb / 8P
   Programmable Current Limit
logo
STMicroelectronics
STEVAL-ISA052V1 STMICROELECTRONICS-STEVAL-ISA052V1 Datasheet
123Kb / 4P
   Negative current limit
November 2010 Rev 1
logo
Unisonic Technologies
LR1112G-XX-AE5-R UTC-LR1112G-XX-AE5-R Datasheet
177Kb / 6P
   Current limit protection
logo
Texas Instruments
PT5071-12V TI1-PT5071-12V Datasheet
150Kb / 4P
[Old version datasheet]   Output Current Limit
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com