Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS8160Z18BGT-150IT Fiches technique(PDF) 6 Page - GSI Technology

No de pièce GS8160Z18BGT-150IT
Description  18Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8160Z18BGT-150IT Fiches technique(HTML) 6 Page - GSI Technology

Back Button GS8160Z18BGT-150IT Datasheet HTML 2Page - GSI Technology GS8160Z18BGT-150IT Datasheet HTML 3Page - GSI Technology GS8160Z18BGT-150IT Datasheet HTML 4Page - GSI Technology GS8160Z18BGT-150IT Datasheet HTML 5Page - GSI Technology GS8160Z18BGT-150IT Datasheet HTML 6Page - GSI Technology GS8160Z18BGT-150IT Datasheet HTML 7Page - GSI Technology GS8160Z18BGT-150IT Datasheet HTML 8Page - GSI Technology GS8160Z18BGT-150IT Datasheet HTML 9Page - GSI Technology GS8160Z18BGT-150IT Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
GS8160Z18/36BT-250/200/150
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.00 8/2004
6/23
© 2004, GSI Technology
Functional Details
Clocking
Deassertion of the Clock Enable (CKE) input blocks the Clock input from reaching the RAM's internal circuits. It may be used to
suspend RAM operations. Failure to observe Clock Enable set-up or hold requirements will result in erratic operation.
Pipeline Mode Read and Write Operations
All inputs (with the exception of Output Enable, Linear Burst Order and Sleep) are synchronized to rising clock edges. Single cycle
read and write operations must be initiated with the Advance/Load pin (ADV) held low, in order to load the new address. Device
activation is accomplished by asserting all three of the Chip Enable inputs (E1, E2 and E3). Deassertion of any one of the Enable
inputs will deactivate the device.
Read operation is initiated when the following conditions are satisfied at the rising edge of clock: CKE is asserted Low, all three
chip enables (E1, E2, and E3) are active, the write enable input signals W is deasserted high, and ADV is asserted low. The address
presented to the address inputs is latched in to address register and presented to the memory core and control logic. The control
logic determines that a read access is in progress and allows the requested data to propagate to the input of the output register. At
the next rising edge of clock the read data is allowed to propagate through the output register and onto the output pins.
Write operation occurs when the RAM is selected, CKE is asserted low, and the Write input is sampled low at the rising edge of
clock. The Byte Write Enable inputs (BA, BB, BC, & BD) determine which bytes will be written. All or none may be activated. A
write cycle with no Byte Write inputs active is a no-op cycle. The pipelined NBT SRAM provides double late write functionality,
matching the write command versus data pipeline length (2 cycles) to the read command versus data pipeline length (2 cycles). At
the first rising edge of clock, Enable, Write, Byte Write(s), and Address are registered. The Data In associated with that address is
required at the third rising edge of clock.
Flow Through Mode Read and Write Operations
Operation of the RAM in Flow Through mode is very similar to operations in Pipeline mode. Activation of a Read Cycle and the
use of the Burst Address Counter is identical. In Flow Through mode the device may begin driving out new data immediately after
new address are clocked into the RAM, rather than holding new data until the following (second) clock edge. Therefore, in Flow
Through mode the read pipeline is one cycle shorter than in Pipeline mode.
Write operations are initiated in the same way, but differ in that the write pipeline is one cycle shorter as well, preserving the ability
to turn the bus from reads to writes without inserting any dead cycles. While the pipelined NBT RAMs implement a double late
write protocol, in Flow Through mode a single late write protocol mode is observed. Therefore, in Flow Through mode, address
and control are registered on the first rising edge of clock and data in is required at the data input pins at the second rising edge of
clock.
Function
W
BA
BB
BC
BD
Read
H
X
X
X
X
Write Byte “a”
L
L
H
H
H
Write Byte “b”
L
H
L
H
H
Write Byte “c”
L
H
H
L
H
Write Byte “d”
L
H
H
H
L
Write all Bytes
L
L
L
L
L
Write Abort/NOP
L
H
H
H
H


Numéro de pièce similaire - GS8160Z18BGT-150IT

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8160Z18BGT-150IV GSI-GS8160Z18BGT-150IV Datasheet
916Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Description similaire - GS8160Z18BGT-150IT

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8162Z18BB-V GSI-GS8162Z18BB-V Datasheet
1Mb / 33P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72C GSI-GS8162Z72C Datasheet
1Mb / 31P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72CC-V GSI-GS8162Z72CC-V Datasheet
1Mb / 27P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18CT GSI-GS8160Z18CT Datasheet
575Kb / 23P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18 GSI-GS8161Z18 Datasheet
939Kb / 36P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18BT-V GSI-GS8160Z18BT-V Datasheet
916Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18T GSI-GS8160Z18T Datasheet
616Kb / 24P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160ZV18CT GSI-GS8160ZV18CT Datasheet
565Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18BT-V GSI-GS8161Z18BT-V Datasheet
1Mb / 35P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z18BB GSI-GS8162Z18BB Datasheet
1Mb / 34P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18B GSI-GS8161Z18B Datasheet
863Kb / 37P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com