Moteur de recherche de fiches techniques de composants électroniques |
|
BD2425J50200AHF Fiches technique(PDF) 1 Page - Anaren Microwave |
|
BD2425J50200AHF Fiches technique(HTML) 1 Page - Anaren Microwave |
1 / 5 page Visit us at www.Anaren.com USA/Canada: Toll Free: Europe: Asia: (315) 432-8909 (800) 411-6596 +44 2392-232392 +86 512-62749282 Model BD2425J50200AHF Rev A Ultra Low Profile 0805 Balun 50 to 200 Balanced Description The BD2425J50200AHF is a low profile sub-miniature balanced to unbalanced transformer designed for differential inputs and output locations on next generation wireless chipsets in an easy to use surface mount package covering the GSM frequencies. The BD2425J50200AHF is ideal for high volume manufacturing and is higher performance than traditional ceramic and lumped element baluns. The BD2425J50200AHF has an unbalanced port impedance of 50Ω and a 200Ω balanced port impedance. This transformation enables single ended signals to be applied to differential ports on modern semiconductors. The output ports have equal amplitude (-3dB) with 180 degree phase differential. The BD2425J50200AHF is available on tape and reel for pick and place high volume manufacturing. Detailed Electrical Specifications: Specifications subject to change without notice. ROOM (25°°°°C) Parameter Min. Typ. Max Unit Frequency 2400 2500 MHz Unbalanced Port Impedance 50 Balanced Port Impedance 200 Return Loss 9.5 12.2 dB Insertion Loss* 0.6 0.8 dB Amplitude Balance 0.1 0.5 dB Phase Balance 2 6 Degrees CMRR 37 dB Power Handling 2 Watts Features: • 2400 – 2500 MHz • 0.7mm Height Profile • 50 Ohm to 2 x 100 Ohm • 802.11 b+g +n Compliant • Low Insertion Loss • Input to Output DC Isolation • Surface Mountable • Tape & Reel • Non-conductive Surface • RoHS Compliant Operating Temperature -55 +85 ºC * Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 ºC) Outline Drawing 6x 0.22 4x 0.65 6x 0.98 Orientation Marker Denotes Pin Location 4 Orientation Marker Denotes Pin Location TOP VIEW (Near Side) SIDE VIEW BOTTOM VIEW (Far Side) 5 4 2 1 6 3 Pin Balanced Port GND NC Balanced Port GND/DC Feed Mechanical Outline -Dimensions are in Millimeters 2.04±0.10 1.29±0.10 0.71±0.07 1 2 3 6 5 6x 0.30 Unbalanced Port Designation 2x 0.15 4x 0.37 +RF GND |
Numéro de pièce similaire - BD2425J50200AHF |
|
Description similaire - BD2425J50200AHF |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |