Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD06060B Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce CSD06060B
Description  ZERO RECOVERY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

CSD06060B Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  CSD06060B Datasheet HTML 1Page - List of Unclassifed Manufacturers CSD06060B Datasheet HTML 2Page - List of Unclassifed Manufacturers CSD06060B Datasheet HTML 3Page - List of Unclassifed Manufacturers CSD06060B Datasheet HTML 4Page - List of Unclassifed Manufacturers CSD06060B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CSD06060
Page 5 • CSD06060, Rev C
Package Dimensions (Cont.)
Package TO-263-2
Part Number
Package
Marking
CSD06060A
TO-220-2
CSD06060
CSD06060B
TO-220-3
CSD06060
CSD06060G
TO-263-2
CSD06060
This product has not been designed or tested for
use in, and is not intended for use in, applications
implanted into the human body nor in applications
in which failure of the product could lead to death,
personal injury or property damage, including but
not limited to equipment used in the operation of
nuclear facilities, life-support machines, cardiac
defibrillators or similar emergency medical
equipment, aircraft navigation or communication or
control systems, air traffic control systems, or
weapons systems.
Copyright © 2001 Cree, Inc. All rights reserved.
Permission is given to reproduce this document
provided the entire document (including this
copyright notice) is duplicated.
The information in this document is subject to
change without notice.
Cree and the Cree logo are trademarks of Cree,
Inc.
Cree, Inc.
Power Products
4600 Silicon Drive
• Durham, NC 27703 • USA
Tel: 919-313-5300
• Fax: 919-313-5451
www.cree.com
A
B
C
D
E
F
G
H
J
L
M
N
P
Q
R
S
T
U
V
W
K
Min
Max
Min
Max
A
.396
.406
10.058
10.312
B
.297
.303
7.544
7.696
C
.057
.063
1.448
1.600
D
.237
.243
6.015
6.167
E
.050
.070
1.270
1.778
F
.048
.052
1.219
1.321
G
H
.335
.345
8.509
8.763
J
.028
.032
.711
.813
K
2.0°
4.0°
2.0°
4.0°
L
.170
.180
4.318
4.572
M
.048
.052
1.219
1.321
N
.595
.615
15.113
15.621
P
0.00
.010
0.00
.254
Q
R0.018TYP R0.022TYP R0.457TYP R0.559TYP
R
.090
.110
2.286
2.794
S
.013
.017
.330
.432
T
6.5°
8.5°
6.5°
8.5°
U
.103
.107
2.616
2.718
V
R0.028TYP R0.032TYP R0.711TYP R0.813TYP
W
--
5.0°
--
5.0°
POS
Inches
Millimeters
.100TYP
2.540TYP
¡
¡
¡
PIN 1
PIN 2
CASE


Numéro de pièce similaire - CSD06060B

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CSD06060 CREE-CSD06060 Datasheet
517Kb / 6P
   Silicon Carbide Schottky Diode
CSD06060A CREE-CSD06060A Datasheet
517Kb / 6P
   Silicon Carbide Schottky Diode
CSD06060G CREE-CSD06060G Datasheet
517Kb / 6P
   Silicon Carbide Schottky Diode
More results

Description similaire - CSD06060B

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CSD10120 ETC-CSD10120 Datasheet
131Kb / 4P
   ZERO RECOVERY RECTIFIER
CSD05120 ETC-CSD05120 Datasheet
145Kb / 4P
   ZERO RECOVERY RECTIFIER
CSD04060 ETC-CSD04060 Datasheet
203Kb / 5P
   ZERO RECOVERY RECTIFIER
CSD01060 ETC1-CSD01060 Datasheet
211Kb / 5P
   ZERO RECOVERY RECTIFIER
CSD10060 ETC-CSD10060 Datasheet
207Kb / 5P
   ZERO RECOVERY RECTIFIER
CSD20060 ETC-CSD20060 Datasheet
168Kb / 4P
   ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD10030 CREE-CSD10030 Datasheet
253Kb / 5P
   ZERO RECOVERY RECTIFIER
logo
List of Unclassifed Man...
CSD20030 ETC1-CSD20030 Datasheet
224Kb / 4P
   ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD20030 CREE-CSD20030 Datasheet
239Kb / 4P
   ZERO RECOVERY RECTIFIER
C2D10120D CREE-C2D10120D Datasheet
566Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com