Moteur de recherche de fiches techniques de composants électroniques |
|
74LVC2G17GV Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
74LVC2G17GV Fiches technique(HTML) 8 Page - NXP Semiconductors |
8 / 17 page 2004 Sep 08 8 Philips Semiconductors Product specification Dual non-inverting Schmitt-trigger with 5 V tolerant input 74LVC2G17 TRANSFER CHARACTERISTICS Voltages are referenced to GND (ground = 0 V). Note 1. All typical values are measured at Tamb =25 °C. SYMBOL PARAMETER TEST CONDITIONS MIN. TYP.(1) MAX. UNIT WAVEFORMS VCC (V) Tamb = −40 °C to +85 °C VT+ positive-going threshold see Figs 6 and 7 1.8 0.70 1.10 1.50 V 2.3 1.00 1.40 1.80 V 3.0 1.30 1.76 2.20 V 4.5 1.90 2.47 3.10 V 5.5 2.20 2.91 3.60 V VT− negative-going threshold see Figs 6 and 7 1.8 0.25 0.61 0.90 V 2.3 0.40 0.80 1.15 V 3.0 0.60 1.04 1.50 V 4.5 1.00 1.55 2.00 V 5.5 1.20 1.86 2.30 V VH hysteresis (VT+ − VT−) see Figs 6, 7 and 8 1.8 0.15 0.49 1.00 V 2.3 0.25 0.60 1.10 V 3.0 0.40 0.73 1.20 V 4.5 0.60 0.92 1.50 V 5.5 0.70 1.02 1.70 V Tamb = −40 °C to +125 °C VT+ positive-going threshold see Figs 6 and 7 1.8 0.70 − 1.70 V 2.3 1.00 − 2.00 V 3.0 1.30 − 2.40 V 4.5 1.90 − 3.30 V 5.5 2.20 − 3.80 V VT− negative-going threshold see Figs 6 and 7 1.8 0.25 − 1.10 V 2.3 0.40 − 1.35 V 3.0 0.60 − 1.70 V 4.5 1.00 − 2.20 V 5.5 1.20 − 2.50 V VH hysteresis (VT+ − VT−) see Figs 6, 7 and 8 1.8 0.15 − 1.20 V 2.3 0.25 − 1.30 V 3.0 0.40 − 1.40 V 4.5 0.60 − 1.70 V 5.5 0.70 − 1.90 V |
Numéro de pièce similaire - 74LVC2G17GV |
|
Description similaire - 74LVC2G17GV |