Moteur de recherche de fiches techniques de composants électroniques |
|
74HCT00DB Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
74HCT00DB Fiches technique(HTML) 6 Page - NXP Semiconductors |
6 / 17 page 2003 Jun 30 6 Philips Semiconductors Product specification Quad 2-input NAND gate 74HC00; 74HCT00 DC CHARACTERISTICS Type 74HC00 At recommended operating conditions; voltages are referenced to GND (ground=0V). SYMBOL PARAMETER TEST CONDITIONS MIN. TYP. MAX. UNIT OTHER VCC (V) Tamb = −40 to +85 °C; note 1 VIH HIGH-level input voltage 2.0 1.5 1.2 − V 4.5 3.15 2.4 − V 6.0 4.2 3.2 − V VIL LOW-level input voltage 2.0 − 0.8 0.5 V 4.5 − 2.1 1.35 V 6.0 − 2.8 1.8 V VOH HIGH-level output voltage VI =VIH or VIL IO = −20 µA 2.0 1.9 2.0 − V IO = −20 µA 4.5 4.4 4.5 − V IO = −20 µA 6.0 5.9 6.0 − V IO = −4.0 mA 4.5 3.84 4.32 − V IO = −5.2 mA 6.0 5.34 5.81 − V VOL LOW-level output voltage VI =VIH or VIL IO =20 µA 2.0 − 0 0.1 V IO =20 µA 4.5 − 0 0.1 V IO =20 µA 6.0 − 0 0.1 V IO = 4.0 mA 4.5 − 0.15 0.33 V IO = 5.2 mA 6.0 − 0.16 0.33 V ILI input leakage current VI =VCC or GND 6.0 −−±1.0 µA IOZ 3-state output OFF current VI =VIH or VIL; VO =VCC or GND 6.0 −−±.5.0 µA ICC quiescent supply current VI =VCC or GND; IO = 0 6.0 −− 20 µA |
Numéro de pièce similaire - 74HCT00DB |
|
Description similaire - 74HCT00DB |