Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI7718DN Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI7718DN
Description  N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7718DN Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI7718DN Datasheet HTML 1Page - Vishay Siliconix SI7718DN Datasheet HTML 2Page - Vishay Siliconix SI7718DN Datasheet HTML 3Page - Vishay Siliconix SI7718DN Datasheet HTML 4Page - Vishay Siliconix SI7718DN Datasheet HTML 5Page - Vishay Siliconix SI7718DN Datasheet HTML 6Page - Vishay Siliconix SI7718DN Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 68698
S-81584-Rev. A, 07-Jul-08
Vishay Siliconix
Si7718DN
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
30
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
1.2
2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 10 A
0.0048
0.006
Ω
VGS = 4.5 V, ID = 7 A
0.0065
0.0082
Forward Transconductancea
gfs
VDS = 15 V, ID = 10 A
50
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
1600
pF
Output Capacitance
Coss
335
Reverse Transfer Capacitance
Crss
115
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 10 A
30
45
nC
VDS = 15 V, VGS = 4.5 V, ID = 10 A
13.7
21
Gate-Source Charge
Qgs
4.3
Gate-Drain Charge
Qgd
4.3
Gate Resistance
Rg
f = 1 MHz
0.3
0.75
1.5
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5 Ω
ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
22
35
ns
Rise Time
tr
13
26
Turn-Off Delay Time
td(off)
26
45
Fall Time
tf
12
24
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5 Ω
ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω
13
26
Rise Time
tr
918
Turn-Off Delay Time
td(off)
22
35
Fall Time
tf
816
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
35
A
Pulse Diode Forward Current
ISM
70
Body Diode Voltage
VSD
IS = 3 A, VGS = 0 V
0.75
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
19
35
ns
Body Diode Reverse Recovery Charge
Qrr
9.5
18
nC
Reverse Recovery Fall Time
ta
11
ns
Reverse Recovery Rise Time
tb
8


Numéro de pièce similaire - SI7718DN

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Telefunken
SI7716AD TFUNK-SI7716AD Datasheet
543Kb / 13P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7716ADN VISHAY-SI7716ADN Datasheet
115Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 23-Jun-08
logo
SHENZHEN DOINGTER SEMIC...
SI7716ADN DOINGTER-SI7716ADN Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SI7716ADN VISHAY-SI7716ADN Datasheet
618Kb / 13P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7716ADN VISHAY-SI7716ADN_V01 Datasheet
618Kb / 13P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI7718DN

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com