Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI7138DP Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce SI7138DP
Description  N-Channel 60 V (D-S) Reduced Qgd, Fast Switching MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7138DP Fiches technique(HTML) 5 Page - Vishay Siliconix

  SI7138DP Datasheet HTML 1Page - Vishay Siliconix SI7138DP Datasheet HTML 2Page - Vishay Siliconix SI7138DP Datasheet HTML 3Page - Vishay Siliconix SI7138DP Datasheet HTML 4Page - Vishay Siliconix SI7138DP Datasheet HTML 5Page - Vishay Siliconix SI7138DP Datasheet HTML 6Page - Vishay Siliconix SI7138DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 73530
S11-0212-Rev. C, 14-Feb-11
www.vishay.com
5
Vishay Siliconix
Si7138DP
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
20
40
60
80
100
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Limited by Package
Power Derating (Junction-to-Case)
0
20
40
60
80
100
25
50
75
100
125
150
TC - Case Temperature (°C)
Maximum Single Pulse Avalanche Capability
Time (s)
100
10
0.000001
0.00001
0.0001
0.001
T
A =
Lx ID
BV - V
DD
80


Numéro de pièce similaire - SI7138DP

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7135DP VISHAY-SI7135DP Datasheet
316Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 07-Jul-08
SI7135DP-T1-GE3 VISHAY-SI7135DP-T1-GE3 Datasheet
364Kb / 13P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7135DP VISHAY-SI7135DP_V01 Datasheet
364Kb / 13P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
Vaishali Semiconductor
SI7136DP VAISH-SI7136DP Datasheet
228Kb / 3P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7136DP VISHAY-SI7136DP Datasheet
318Kb / 13P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 09-Feb-09
More results

Description similaire - SI7138DP

FabricantNo de pièceFiches techniqueDescription
logo
Vaishali Semiconductor
SI4362BDY VAISH-SI4362BDY Datasheet
186Kb / 3P
   N-Channel 30-V (D-S) Reduced Qgd, Fast Switching WFET
logo
Vishay Siliconix
SI7460DP VISHAY-SI7460DP_09 Datasheet
500Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. D, 09-Feb-09
SI7850DP VISHAY-SI7850DP_15 Datasheet
313Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. E, 09-Feb-09
SI7850DP VISHAY-SI7850DP Datasheet
45Kb / 4P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. A, 28-May-01
SI7460DP VISHAY-SI7460DP Datasheet
64Kb / 5P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. A, 03-Mar-03
SI7850DP VISHAY-SI7850DP_09 Datasheet
485Kb / 11P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. E, 09-Feb-09
logo
Vishay Telefunken
SI7850DP TFUNK-SI7850DP Datasheet
317Kb / 11P
   N-Channel 60-V (D-S) Fast Switching MOSFET
logo
Vishay Siliconix
SI7452DP VISHAY-SI7452DP Datasheet
230Kb / 3P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. B, 13-Feb-06
SI7460DP VISHAY-SI7460DP_V01 Datasheet
333Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7460DP VISHAY-SI7460DP_15 Datasheet
328Kb / 13P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. D, 09-Feb-09
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com