Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7440660035 Fiches technique(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 7440660035
Description  WE-TPC SMD Shielded Tiny Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7440660035 Fiches technique(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7440660035_15 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7440660035_15 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7440660035_15 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7440660035_15 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7440660035_15 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7440660035_15 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4.5
4.4
4.3
4.2
4.1
4.0
REV
2015-01-29
2014-09-11
2014-04-01
2013-05-27
2013-04-09
2008-11-24
DATE
SSt
SSt
SSt
SSt
SSt
ME
BY
JRS
JRS
SSt
COt
COt
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TPC SMD Shielded Tiny Power Inductor
Order.- No.
7440660035
SIZE
A4
Size: 1038
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the electrical
as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and termination of
the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins or
termination.
Direct mechanical impact to the product shall be prevented as the ferrite material of the core could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
•The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void the
warranty.
•All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t be
ensured.
•Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate and
reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-TPC
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Numéro de pièce similaire - 7440660035_15

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
7440660035 WURTH-7440660035 Datasheet
114Kb / 3P
   POWER-CHOKE WE-TPC
logo
List of Unclassifed Man...
7440660035 ETC2-7440660035 Datasheet
164Kb / 2P
   Design Kit SMD-Tiny Power Inductors WE-TPC - Large Size
More results

Description similaire - 7440660035_15

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
744042008 WURTH-744042008_17 Datasheet
263Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744062120 WURTH-744062120_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
7440690220 WURTH-7440690220_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
744042220 WURTH-744042220_17 Datasheet
260Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744031002 WURTH-744031002_17 Datasheet
260Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
7440690033 WURTH-7440690033_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
7440690150 WURTH-7440690150_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
744042221 WURTH-744042221_17 Datasheet
262Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744030002 WURTH-744030002_17 Datasheet
263Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744065221 WURTH-744065221_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
7440430012 WURTH-7440430012 Datasheet
1,016Kb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com