Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK128 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SK128
Description  SI N CHANNEL JUNCTION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK128 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SK128 Datasheet HTML 1Page - Panasonic Semiconductor 2SK128 Datasheet HTML 2Page - Panasonic Semiconductor 2SK128 Datasheet HTML 3Page - Panasonic Semiconductor 2SK128 Datasheet HTML 4Page - Panasonic Semiconductor 2SK128 Datasheet HTML 5Page - Panasonic Semiconductor 2SK128 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image


Numéro de pièce similaire - 2SK128

FabricantNo de pièceFiches techniqueDescription
logo
Fuji Electric
2SK1280 FUJI-2SK1280 Datasheet
200Kb / 2P
   N-Channel MOS-FET(500V, 0.5Ohm, 18A, 150W)
logo
Inchange Semiconductor ...
2SK1280 ISC-2SK1280 Datasheet
68Kb / 2P
   Fast Switching Speed
logo
Renesas Technology Corp
2SK1282 RENESAS-2SK1282 Datasheet
494Kb / 10P
   MOS FIELD EFFECT POWER TRANSISTOR
1993
logo
NEC
2SK1283 NEC-2SK1283 Datasheet
375Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK1283 ISC-2SK1283 Datasheet
835Kb / 2P
   iscN-Channel MOSFET Transistor
More results

Description similaire - 2SK128

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
2SK624 NSC-2SK624 Datasheet
59Kb / 1P
   Si N-Channel Junction
logo
Panasonic Semiconductor
2SK321 PANASONIC-2SK321 Datasheet
205Kb / 6P
   SI N-CHANNEL JUNCTION
logo
Jiangsu Changjiang Elec...
K596 JIANGSU-K596 Datasheet
607Kb / 3P
   Si N-CHANNEL JUNCTION FET
logo
Fairchild Semiconductor
FJZ594J FAIRCHILD-FJZ594J Datasheet
192Kb / 5P
   Si N-channel Junction FET
FJX597JC FAIRCHILD-FJX597JC Datasheet
53Kb / 5P
   Si N-channel Junction FET
FJX597JB FAIRCHILD-FJX597JB Datasheet
53Kb / 5P
   Si N-channel Junction FET
logo
Panasonic Semiconductor
2SK247 PANASONIC-2SK247 Datasheet
212Kb / 6P
   SI N CHANNEL JUCTION
2SD389 PANASONIC-2SD389 Datasheet
208Kb / 5P
   Si NPN DIFFUSED JUNCTION MESA
2SD691 PANASONIC-2SD691 Datasheet
212Kb / 5P
   Si NPN DIFFUSED JUNCTION MESA
logo
AUK corp
STK596M AUK-STK596M Datasheet
342Kb / 5P
   N-Channel Junction FET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com