Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI7317DN Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI7317DN
Description  P-Channel 150 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7317DN Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI7317DN Datasheet HTML 1Page - Vishay Siliconix SI7317DN Datasheet HTML 2Page - Vishay Siliconix SI7317DN Datasheet HTML 3Page - Vishay Siliconix SI7317DN Datasheet HTML 4Page - Vishay Siliconix SI7317DN Datasheet HTML 5Page - Vishay Siliconix SI7317DN Datasheet HTML 6Page - Vishay Siliconix SI7317DN Datasheet HTML 7Page - Vishay Siliconix SI7317DN Datasheet HTML 8Page - Vishay Siliconix SI7317DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Si7317DN
www.vishay.com
Vishay Siliconix
S15-2640-Rev. B, 16-Nov-15
2
Document Number: 62892
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Surface mounted on 1" x 1" FR4 board.
b. Maximum under steady state conditions is 81 °C/W.
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum Junction-to-Ambient a, b
t
 10 s
RthJA
31
39
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
56.3
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = -250 μA
-150
-
-
V
VDS Temperature Coefficient
V
DS/TJ
ID = -250 μA
-
-150
-
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
-5.7
-
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 μA
-2.5
-
-4.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 30 V
-
-
-100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = -150 V, VGS = 0 V
-
-
-1
μA
VDS = -150 V, VGS = 0 V, TJ = 55 °C
-
-
-10
On-State Drain Current a
ID(on)
VDS  15 V, VGS = -10 V
-1.6
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = -10 V, ID = -0.5 A
-
1
1.2
VGS = -6 V, ID = -0.5 A
-
1.05
1.3
Forward Transconductance a
gfs
VDS = -15 V, ID = -0.5 A
-
3
-
S
Dynamic b
Input Capacitance
Ciss
VDS = -75 V, VGS = 0 V, f = 1 MHz
-
243
365
pF
Output Capacitance
Coss
-15-
Reverse Transfer Capacitance
Crss
-11-
Total Gate Charge
Qg
VDS = -75 V, VGS = -10 V, ID = -1.1 A
-6.5
9.8
nC
Gate-Source Charge
Qgs
-1.5
-
Gate-Drain Charge
Qgd
-1.9
-
Gate Resistance
Rg
f = 1 MHz
1.1
5.5
11
Turn-On Delay Time
td(on)
VDD = -75 V, RL = 83.3 
ID  -0.9 A, VGEN = -10 V, Rg = 1 
-7
11
ns
Rise Time
tr
-11
20
Turn-Off Delay Time
td(off)
-11
20
Fall Time
tf
-10
20
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
-
-
-16
A
Pulse Diode Forward Current
ISM
--
-2
Body Diode Voltage
VSD
IS = -0.9 A, VGS = 0 V
-
-0.8
-1.2
V
Body Diode Reverse Recovery Time
trr
IF = -0.9 A, dI/dt = 100 A/μs, TJ = 25 °C
-32
48
ns
Body Diode Reverse Recovery Charge
Qrr
-48
72
nC
Reverse Recovery Fall Time
ta
-27-
ns
Reverse Recovery Rise Time
tb
-5-


Numéro de pièce similaire - SI7317DN

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7317DN VISHAY-SI7317DN_V01 Datasheet
643Kb / 13P
   P-Channel 150 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI7317DN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM10P15-550D ANALOGPOWER-AM10P15-550D Datasheet
322Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4409DY VISHAY-SI4409DY Datasheet
196Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 16-Jul-07
SI7117DN-T1-GE3 VISHAY-SI7117DN-T1-GE3 Datasheet
561Kb / 13P
   P-Channel 150 V (D-S) MOSFET
Rev. C, 11-Apr-11
logo
Guangdong Kexin Industr...
KI2325DS KEXIN-KI2325DS Datasheet
52Kb / 2P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4455DY VISHAY-SI4455DY_V01 Datasheet
191Kb / 9P
   P-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7439DP VISHAY-SI7439DP_V01 Datasheet
375Kb / 12P
   P-Channel 150 V (D-S) MOSFET
01-Jan-2022
SI4455DY VISHAY-SI4455DY Datasheet
140Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 18-Aug-08
SI2325DS VISHAY-SI2325DS Datasheet
89Kb / 6P
   P-Channel 150-V (D-S) MOSFET
S-42449-Rev. A, 10-Jan-05
logo
Analog Power
AM90P15-30P ANALOGPOWER-AM90P15-30P Datasheet
339Kb / 5P
   P-Channel 150-V (D-S) MOSFET
AM90P15-60P ANALOGPOWER-AM90P15-60P Datasheet
343Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI3437DV VISHAY-SI3437DV_15 Datasheet
199Kb / 12P
   P-Channel 150-V (D-S) MOSFET
Rev. B, 04-May-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com