Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5415EDU Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce SI5415EDU
Description  P-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5415EDU Fiches technique(HTML) 3 Page - Vishay Siliconix

  SI5415EDU Datasheet HTML 1Page - Vishay Siliconix SI5415EDU Datasheet HTML 2Page - Vishay Siliconix SI5415EDU Datasheet HTML 3Page - Vishay Siliconix SI5415EDU Datasheet HTML 4Page - Vishay Siliconix SI5415EDU Datasheet HTML 5Page - Vishay Siliconix SI5415EDU Datasheet HTML 6Page - Vishay Siliconix SI5415EDU Datasheet HTML 7Page - Vishay Siliconix SI5415EDU Datasheet HTML 8Page - Vishay Siliconix SI5415EDU Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Si5415EDU
www.vishay.com
Vishay Siliconix
S13-0789-Rev. A, 15-Apr-13
3
Document Number: 62837
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Current vs. Gate-Source Voltage
Gate Current vs. Gate-Source Voltage
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Capacitance
0.00
4.00
8.00
12.00
16.00
20.00
0
4
8
12
16
V
GS - Gate-Source Voltage (V)
T
J = 25 °C
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
0
4
8
12
16
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
0
20
40
60
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
DS - Drain-to-Source Voltage (V)
V
GS = 2 V
V
GS = 2.5 V
V
GS = 5 V thru 3 V
V
GS = 1.5 V
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0.000
0.010
0.020
0.030
0.040
0
20
40
60
80
I
D - Drain Current (A)
V
GS = 1.8 V
V
GS = 3.7 V
V
GS = 2.5 V
V
GS = 4.5 V
0.050
0
1000
2000
3000
4000
5000
6000
7000
0
4
8
12
16
20
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss


Numéro de pièce similaire - SI5415EDU

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
SI5415-H AUK-SI5415-H Datasheet
180Kb / 4P
   IRED
logo
KODENSHI_AUK CORP.
SI5415-H KODENSHI-SI5415-H Datasheet
198Kb / 4P
   Blue Colored transparency lens type
logo
Vishay Siliconix
SI5415AEDU VISHAY-SI5415AEDU Datasheet
173Kb / 9P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 29-Jul-13
More results

Description similaire - SI5415EDU

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com