Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4638DY Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce SI4638DY
Description  N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4638DY Fiches technique(HTML) 3 Page - Vishay Siliconix

  SI4638DY Datasheet HTML 1Page - Vishay Siliconix SI4638DY Datasheet HTML 2Page - Vishay Siliconix SI4638DY Datasheet HTML 3Page - Vishay Siliconix SI4638DY Datasheet HTML 4Page - Vishay Siliconix SI4638DY Datasheet HTML 5Page - Vishay Siliconix SI4638DY Datasheet HTML 6Page - Vishay Siliconix SI4638DY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 68745
S09-0764-Rev. B, 04-May-09
www.vishay.com
3
Vishay Siliconix
Si4638DY
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
16
32
48
64
80
0.0
0.5
1.0
1.5
2.0
2.5
VDS - Drain-to-Source Voltage (V)
VGS =10 V thru 4 V
VGS =3 V
0.0050
0.0056
0.0062
0.0068
0.0074
0.0080
014
28
42
56
70
ID - Drain Current (A)
VGS =10 V
VGS =4.5 V
0
2
4
6
8
10
014
28
42
56
70
Qg - Total Gate Charge (nC)
ID =10A
VDS =20 V
VDS =10 V
VDS =15 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
01
2
3
45
VGS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = 125 °C
TC = - 55 °C
Crss
0
1000
2000
3000
4000
5000
0
5
10
15
20
25
30
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.7
0.9
1.1
1.3
1.5
1.7
- 50
- 25
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)
VGS =4.5 V
ID =15A
VGS =10 V


Numéro de pièce similaire - SI4638DY

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
Si4638-A10-GM SILABS-Si4638-A10-GM Datasheet
225Kb / 2P
   Silicon Labs is updating the Si4682/4/8 data sheets
More results

Description similaire - SI4638DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7160DP VISHAY-SI7160DP Datasheet
109Kb / 7P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 16-Feb-09
SI4646DY VISHAY-SI4646DY Datasheet
210Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 18-May-09
SIE726DF VISHAY-SIE726DF Datasheet
210Kb / 10P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jul-09
logo
Unisonic Technologies
UT4810D UTC-UT4810D Datasheet
201Kb / 5P
   N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
logo
Vishay Siliconix
SI4810DY VISHAY-SI4810DY Datasheet
43Kb / 5P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. F, 26-May-03
SI7720DN VISHAY-SI7720DN Datasheet
552Kb / 14P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 04-Aug-08
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
logo
Vishay Telefunken
SIS782DN TFUNK-SIS782DN Datasheet
560Kb / 14P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
SI7748DP TFUNK-SI7748DP Datasheet
385Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIS782DN VISHAY-SIS782DN_V01 Datasheet
594Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIS780DN VISHAY-SIS780DN_V01 Datasheet
592Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com