Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2334DS Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI2334DS
Description  N-Channel 30 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2334DS Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI2334DS Datasheet HTML 1Page - Vishay Siliconix SI2334DS Datasheet HTML 2Page - Vishay Siliconix SI2334DS Datasheet HTML 3Page - Vishay Siliconix SI2334DS Datasheet HTML 4Page - Vishay Siliconix SI2334DS Datasheet HTML 5Page - Vishay Siliconix SI2334DS Datasheet HTML 6Page - Vishay Siliconix SI2334DS Datasheet HTML 7Page - Vishay Siliconix SI2334DS Datasheet HTML 8Page - Vishay Siliconix SI2334DS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si2334DS
New Product
Document Number: 66802
S10-1533-Rev. A, 19-Jul-10
www.vishay.com
1
N-Channel 30 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
DC/DC Converter for Portable Devices
Load Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
a
Qg (Typ.)
30
0.044 at VGS = 4.5 V
4.9
3.7 nC
0.050 at VGS = 2.5 V
4.6
G
S
D
Top View
2
3
TO-236
(SOT-23)
1
Si2334DS (PS)*
* Marking Code
Ordering Information: Si2334DS-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 166 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
4.9
A
TC = 70 °C
3.9
TA = 25 °C
4.2b, c
TA = 70 °C
3.4b, c
Pulsed Drain Current
IDM
10
Continuous Source-Drain Diode Current
TC = 25 °C
IS
1.4
TA = 25 °C
1.1b, c
Maximum Power Dissipation
TC = 25 °C
PD
1.7
W
TC = 70 °C
1.1
TA = 25 °C
1.3b, c
TA = 70 °C
0.8b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
 5 s
RthJA
80
100
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
60
75


Numéro de pièce similaire - SI2334DS

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
SI2334DS-T1-E3 VBSEMI-SI2334DS-T1-E3 Datasheet
487Kb / 9P
   N-Channel 30-V (D-S) MOSFET
SI2334DS-T1-GE3 VBSEMI-SI2334DS-T1-GE3 Datasheet
488Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Description similaire - SI2334DS

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com