Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1480DH Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI1480DH
Description  N-Channel 100 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1480DH Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI1480DH Datasheet HTML 1Page - Vishay Siliconix SI1480DH Datasheet HTML 2Page - Vishay Siliconix SI1480DH Datasheet HTML 3Page - Vishay Siliconix SI1480DH Datasheet HTML 4Page - Vishay Siliconix SI1480DH Datasheet HTML 5Page - Vishay Siliconix SI1480DH Datasheet HTML 6Page - Vishay Siliconix SI1480DH Datasheet HTML 7Page - Vishay Siliconix SI1480DH Datasheet HTML 8Page - Vishay Siliconix SI1480DH Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
Si1480DH
Document Number: 67327
S12-2727-Rev. A, 12-Nov-12
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
N-Channel 100 V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
•100 % Rg and UIS Tested
Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
Load Switches
DC/DC Converters
Power Management
LED Backlighting
Notes:
a. Package Limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 125 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) () Max.
ID (A)
Qg (Typ.)
100
0.200 at VGS = 10 V
2.6a
1.8
0.320 at VGS = 4.5 V
2.2
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a
TC = 25 °C
ID
2.6a
A
TC = 70 °C
2.2
TA = 25 °C
2.1b,c
TA = 70 °C
1.7b,c
Pulsed Drain Current (t = 300 µs)
IDM
7
Avalanche Current
L = 0.1 mH
IAS
2.4
Repetitive Avalanche Energy
EAS
0.29
mJ
Continuous Source-Drain Diode Current
TC = 25 °C
IS
2.3
A
TA = 25 °C
1.3b,c
Maximum Power Dissipationa
TC = 25 °C
PD
2.8
W
TC = 70 °C
1.8
TA = 25 °C
1.5b,c
TA = 70 °C
1b,c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb,d
t
5 s
RthJA
60
80
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
34
45
Ordering Information: Si1480DH-T1-GE3 (Lead (Pb)-free and Halogen-free)
Marking Code
AU
XX
Lot Traceability
and Date Code
Part # Code
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
D
D
G
D
D
S
N-Channel MOSFET
G
D
S


Numéro de pièce similaire - SI1480DH

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1480DH VISHAY-SI1480DH Datasheet
252Kb / 12P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI1480DH VISHAY-SI1480DH_V01 Datasheet
252Kb / 12P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI1480DH

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com