Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC382TDKTTT-2 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC382TDKTTT-2
Description  FAST LDO LINEAR REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC382TDKTTT-2 Fiches technique(HTML) 2 Page - Texas Instruments

  UC382TDKTTT-2 Datasheet HTML 1Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 2Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 3Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 4Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 5Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 6Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 7Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 8Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
UC2821, UC2822, UC2823, UC282ADJ, UC3821, UC3822, UC3823, UC382ADJ
FAST LDO LINEAR REGULATOR
SLUS317B − JANUARY 2000 − REVISED FEBRUARY 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†}
VB
13 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VIN
7.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage
1.2 V to 6.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature, TJ
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 seconds)
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
} Currents are positive into, negative out of the specified terminal. Consult Packaging Section of Databook for thermal limitations and
considerations of packages.
AVAILABLE OPTIONS(1)
PACKAGED DEVICES
TJ
TO-220 (T)
TO−263 (TD)(2)
TJ
OUTPUT VOLTAGE
OUTPUT VOLTAGE
1.5 V
2.1 V
2.5 V
1.2 V or ADJ
1.5 V
2.1 V
2.5 V
1.2 V or ADJ
–40
°C to 100°C
282T-1
282T-2
282T-3
282T-ADJ
282TD-1
282TD-2
282TD-3
282TD-ADJ
0
°C to 100°C
382T-1
382T-2
382T-3
382T-ADJ
382TD-1
382TD-2
382TD-3
382TD-ADJ
1. For more package and ordering information, see the Package Option Addendum located at the end of this data sheet.
2. For 50 piece reel, add KTTT (e.g., UC282TDKTTT−1); for 500 piece reel, add TR (e.g., UC282TDTR−1).
electrical characteristics, TA = −40°C to 100°C for the UC282-X series and 0°C to 100°C for the
UC382-X, VB = 5 V, VIN = 3.3 V, VOUT = 2.5 V for the UC382-ADJ, TA = TJ, (unless otherwise stated)
UC382-3 fixed 2.5 V, 3-A family
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output voltage (IVOUT = 100 mA)
UC382-3
2.475
2.500
2.525
V
Output voltage (IVOUT = 100 mA)
UC282-3
2.450
2.500
2.525
V
Load regulation
IVOUT = 10 mA to 3 A
0.5
4
mV
VIN PSSR
80
100
dB
VB PSSR
50
60
dB
IVOUT = 3 A,
TJ = 25°C
350
425
mV
VIN dropout voltage = VIN−VOUT
IVOUT = 3 A,
UC382-3
350
450
mV
VIN dropout voltage = VIN−VOUT
IVOUT = 3 A,
UC282-3
350
500
mV
VB dropout = VB−VOUT
IVOUT = 3 A,
UC382-3
1.8
2.10
V
VB dropout = VB−VOUT
IVOUT = 3 A,
UC282-3
1.8
2.20
V
Short circuit current limit
3.3
4.5
A
VB current
IVOUT = 10 mA
6
11
mA
VB current
IVOUT = 3 A
18
60
mA
VIN current
IVOUT = 3 A
2.94
2.97
A


Numéro de pièce similaire - UC382TDKTTT-2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC382TDKTTT-2 TI1-UC382TDKTTT-2 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC382TDKTTT-2 TI1-UC382TDKTTT-2 Datasheet
890Kb / 18P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC382TDKTTT-2G3 TI1-UC382TDKTTT-2G3 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
More results

Description similaire - UC382TDKTTT-2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC282-1 TI1-UC282-1_16 Datasheet
869Kb / 16P
[Old version datasheet]   Fast LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_11 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC182 TI-UC182 Datasheet
184Kb / 6P
[Old version datasheet]   Fast LDO Linear Regulator
UC282-1 TI1-UC282-1_17 Datasheet
890Kb / 18P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
   550mA LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3200 AAT-AAT3200 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com