Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI7123DN Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI7123DN
Description  P-Channel 20 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7123DN Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI7123DN Datasheet HTML 1Page - Vishay Siliconix SI7123DN Datasheet HTML 2Page - Vishay Siliconix SI7123DN Datasheet HTML 3Page - Vishay Siliconix SI7123DN Datasheet HTML 4Page - Vishay Siliconix SI7123DN Datasheet HTML 5Page - Vishay Siliconix SI7123DN Datasheet HTML 6Page - Vishay Siliconix SI7123DN Datasheet HTML 7Page - Vishay Siliconix SI7123DN Datasheet HTML 8Page - Vishay Siliconix SI7123DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
Si7123DN
New Product
Document Number: 69655
S10-0347-Rev. D, 15-Feb-10
www.vishay.com
1
P-Channel 20 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFET: 1.8 V Rated
Ultra Low On-Resistance for Increased
Battery Life
New PowerPAK® Package
- Low Thermal Resistance, RthJC
- Low 1.07 mm Profile
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Load/Power Switching in Portable Devices
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
- 20
0.0106 at VGS = - 4.5 V
- 16.0
0.0136 at VGS = - 2.5 V
- 14.1
0.0189 at VGS = - 1.8 V
- 12.0
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. See Solder Profile (
www.vishay.com/ppg?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and
is not required to ensure adequate bottom side solder interconnection.
c. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
3.30 mm
3.30 mm
PowerPAK 1212-8
Bottom View
Ordering Information: Si7123DN-T1-E3 (Lead (Pb)-free)
Si7123DN-T1-GE3 (Lead (Pb)-free and Halogen-free)
S
G
D
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
10 s
Steady State
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
- 16.0
- 10.2
A
TA = 70 °C
- 12.8
- 8.2
Pulsed Drain Current
IDM
- 40
Continuous Source Current (Diode Conduction)a
IS
- 3.2
- 1.3
Maximum Power Dissipationa
TA = 25 °C
PD
3.8
1.5
W
TA = 70 °C
2.4
1.0
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)b, c
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
26
33
°C/W
Steady State
65
81
Maximum Junction-to-Case
Steady State
RthJC
1.9
2.4


Numéro de pièce similaire - SI7123DN

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Telefunken
SI7120AD TFUNK-SI7120AD Datasheet
570Kb / 12P
   N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI7120ADN VISHAY-SI7120ADN Datasheet
579Kb / 12P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 03-May-10
SI7120ADN-T1-GE3 VISHAY-SI7120ADN-T1-GE3 Datasheet
579Kb / 12P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 03-May-10
SI7120AD VISHAY-SI7120AD_V01 Datasheet
576Kb / 12P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI7120DN VISHAY-SI7120DN Datasheet
67Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 13-Jun-05
More results

Description similaire - SI7123DN

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com