Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI7101DN Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI7101DN
Description  P-Channel 30 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7101DN Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI7101DN Datasheet HTML 1Page - Vishay Siliconix SI7101DN Datasheet HTML 2Page - Vishay Siliconix SI7101DN Datasheet HTML 3Page - Vishay Siliconix SI7101DN Datasheet HTML 4Page - Vishay Siliconix SI7101DN Datasheet HTML 5Page - Vishay Siliconix SI7101DN Datasheet HTML 6Page - Vishay Siliconix SI7101DN Datasheet HTML 7Page - Vishay Siliconix SI7101DN Datasheet HTML 8Page - Vishay Siliconix SI7101DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Vishay Siliconix
Si7101DN
New Product
www.vishay.com
2
Document Number: 63232
S13-0792-Rev. A, 15-Apr-13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 30
V
VDS Temperature Coefficient
V
DS/TJ
ID = - 250 µA
- 22
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
5.1
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1.2
- 2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 25 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 30 V, VGS = 0 V
- 1
µA
VDS = - 30 V, VGS = 0 V, TJ = 55 °C
- 5
On-State Drain Currenta
ID(on)
VDS  - 10 V, VGS = - 10 V
- 30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V, ID = - 15 A
0.0058
0.0072
VGS = - 4.5 V, ID = - 10 A
0.0100
0.0130
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 15 A
44
S
Dynamicb
Input Capacitance
Ciss
VDS = - 15 V, VGS = 0 V, f = 1 MHz
3595
pF
Output Capacitance
Coss
442
Reverse Transfer Capacitance
Crss
408
Total Gate Charge
Qg
VDS = - 15 V, VGS = - 10 V, ID = - 10 A
68
102
nC
VDS = - 15 V, VGS = - 4.5 V, ID = - 10 A
32
48
Gate-Source Charge
Qgs
9
Gate-Drain Charge
Qgd
12.2
Gate Resistance
Rg
f = 1 MHz
0.4
1.8
3.6
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 1.5 
ID  - 10 A, VGEN = - 10 V, Rg = 1 
12
24
ns
Rise Time
tr
10
20
Turn-Off DelayTime
td(off)
38
75
Fall Time
tf
816
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 1.5 
ID  - 10 A, VGEN = - 4.5 V, Rg = 1 
52
100
Rise Time
tr
82
150
Turn-Off DelayTime
td(off)
38
75
Fall Time
tf
15
30
Drain-Source Body Diode Characteristics
Continous Source-Drain Diode Current
IS
TC = 25 °C
- 35
A
Pulse Diode Forward Current
ISM
- 80
Body Diode Voltage
VSD
IS = - 3 A, VGS = 0 V
- 0.76
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 10 A, dI/dt = 100 A/µs, TJ = 25 °C
21
40
ns
Body Diode Reverse Recovery Charge
Qrr
10
20
nC
Reverse Recovery Fall Time
ta
9
ns
Reverse Recovery Rise Time
tb
12


Numéro de pièce similaire - SI7101DN

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7101DN-T1-GE3 VISHAY-SI7101DN-T1-GE3 Datasheet
593Kb / 13P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7101DN VISHAY-SI7101DN_V01 Datasheet
593Kb / 13P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI7101DN

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com