Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD5407N Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce STD5407N
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STD5407N Fiches technique(HTML) 3 Page - ON Semiconductor

  STD5407N Datasheet HTML 1Page - ON Semiconductor STD5407N Datasheet HTML 2Page - ON Semiconductor STD5407N Datasheet HTML 3Page - ON Semiconductor STD5407N Datasheet HTML 4Page - ON Semiconductor STD5407N Datasheet HTML 5Page - ON Semiconductor STD5407N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTD5407N, STD5407N, NVD5407N
www.onsemi.com
3
TYPICAL PERFORMANCE CURVES
TJ = 100°C
02
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
Figure 1. On−Region Characteristics
3
20
0
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (AMPS)
−50
0
−25
25
2
1
0.8
0.6
50
175
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
TJ = −55°C
75
TJ = 25°C
ID = 20 A
VGS = 10 V
TJ = 25°C
VGS = 10 V
1
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
VGS = 0 V
TJ = 100°C
4 V
VGS = 5 V
VDS ≥ 10 V
20
35
3.5 V
4
40
VGS = 7 V to 10 V
40
125
100
5
12
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0.02
0.03
0.04
0.08
36
0.01
4
0.045
0.005
0.025
0.015
0.035
10000
610
12
20
30
25
1.8
25
4
5.5 V
0.05
8
40
35
40
60
ID = 38 A
TJ = 25°C
100
30
5
8
4.5 V
7
59
0.055
0.065
0.075
10
1.6
1.4
1.2
150
13
7
59
20
8
67
0
50
0.105
10
15
60
30
10
50
5 V
6 V
10
30
1000
10
TJ = 175°C
0.07
0.06
10
11
0.085
0.095
15


Numéro de pièce similaire - STD5407N

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
STD5407N ONSEMI-STD5407N Datasheet
120Kb / 6P
   40 V, 38 A, Single N-Channel, DPAK
July, 2013 ??Rev. 5
More results

Description similaire - STD5407N

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com