Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP222A Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TLP222A
Description  TOSHIBA Photocoupler Photorelay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP222A Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TLP222A Datasheet HTML 1Page - Toshiba Semiconductor TLP222A Datasheet HTML 2Page - Toshiba Semiconductor TLP222A Datasheet HTML 3Page - Toshiba Semiconductor TLP222A Datasheet HTML 4Page - Toshiba Semiconductor TLP222A Datasheet HTML 5Page - Toshiba Semiconductor TLP222A Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP222A,TLP222A-2
2002-04-25
4
Ambient temperature Ta (°C)
IF – Ta
Ambient temperature Ta (°C)
ION – Ta
Forward voltage VF (V)
IF – VF
ION – VON
Ambient temperature Ta (°C)
RON – Ta
Ambient temperature Ta (°C)
IFT – Ta
On-state voltage VON (V)
0
-20
60
20
40
80
100
120
100
80
60
40
20
0
0
-20
120
100
80
60
40
20
0
600
500
400
300
200
100
Ta
= 25°C
0.6
0.8
1
1.2
1.6
1.8
1.4
100
30
10
3
1
0.3
0.1
ION = 500 mA
IF = 5 mA
3
0
-20
0
20
40
80
100
60
1
2
4
5
ION = 500 mA
t
< 1 s
3
0
-20
0
20
40
80
100
60
1
2
4
5
Ta
= 25°C
IF = 5 mA
-0.6
-0.4
-0.2
0
0.4
0.6
0.2
-600
-400
-200
0
200
400
600


Numéro de pièce similaire - TLP222A

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP222A TOSHIBA-TLP222A Datasheet
187Kb / 6P
   Measurement and Control Equipment
TLP222A TOSHIBA-TLP222A Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP222A-2 TOSHIBA-TLP222A-2 Datasheet
187Kb / 6P
   Measurement and Control Equipment
TLP222A-2 TOSHIBA-TLP222A-2 Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
More results

Description similaire - TLP222A

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
   TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP202G TOSHIBA-TLP202G Datasheet
131Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP4597G TOSHIBA-TLP4597G_14 Datasheet
250Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLX9160T TOSHIBA-TLX9160T Datasheet
511Kb / 7P
   TOSHIBA Photocoupler Photorelay
2021-04-01
TLP172G TOSHIBA-TLP172G Datasheet
138Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP176GA TOSHIBA-TLP176GA Datasheet
158Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP592A TOSHIBA-TLP592A_14 Datasheet
250Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP4026G TOSHIBA-TLP4026G Datasheet
399Kb / 8P
   TOSHIBA Photocoupler Photorelay
2019-06-24
TLP170A TOSHIBA-TLP170A Datasheet
350Kb / 6P
   TOSHIBA Photocoupler Photorelay
2019-06-17
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com