Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THS4120 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce THS4120
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

THS4120 Fiches technique(HTML) 5 Page - Texas Instruments

  THS4120 Datasheet HTML 1Page - Texas Instruments THS4120 Datasheet HTML 2Page - Texas Instruments THS4120 Datasheet HTML 3Page - Texas Instruments THS4120 Datasheet HTML 4Page - Texas Instruments THS4120 Datasheet HTML 5Page - Texas Instruments THS4120 Datasheet HTML 6Page - Texas Instruments THS4120 Datasheet HTML 7Page - Texas Instruments THS4120 Datasheet HTML 8Page - Texas Instruments THS4120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
−1.5
−1
−0.5
0
0.5
1
1.5
0
20
40
60
80
t − Time − ns
VDD = 3.3 V,
VO = 2 VPP,
TA= 25°C
G = 1
RL = 800 Ω
Rising Edge
Falling Edge
−4
−2
−1
0
1
2
100 k
1M
10 M
100 M
1G
G = 1
VI = 22.5 mVRMS
VDD = 3.3 V
Rf = 270 Ω
Rf = 200 Ω
f − Frequency − Hz
Rf = 390 Ω
Rf = 150 Ω
−3
THS4120
THS4121
SLOS319D – FEBRUARY 2001 – REVISED OCTOBER 2004
FIGURE
Small-signal frequency response
1
SR
Slew rate
2
vs Frequency
3
THD
Total harmonic distortion
vs Output voltage
4
vs Frequency
5, 6, 7
Harmonic distortion
vs Output voltage
8, 9
Third intermodulation distortion
vs Output voltage
10
VO
Output voltage
vs Load resistance
11
Settling time
12
Vn
Voltage noise
vs Frequency
13
VOO
Output offset voltage
vs Common-mode input voltage
14
CMMR
Common-mode rejection ratio
vs Frequency
15
zos
Single-ended output impedance (closed loop)
vs Frequency
16
zo
Single-ended (VOCM) input impedance
vs Frequency
17
SMALL-SIGNAL FREQUENCY RESPONSE
SLEW RATE
Figure 1.
Figure 2.
5


Numéro de pièce similaire - THS4120

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
THS4120 TI-THS4120 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120-1 TI1-THS4120-1 Datasheet
643Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
THS4120/1 TI1-THS4120/1 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4120CD TI1-THS4120CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120CDG4 TI1-THS4120CDG4 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results

Description similaire - THS4120

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4130 TI-THS4130 Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com