Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC55V16256JI Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC55V16256JI
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55V16256JI Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC55V16256JI Datasheet HTML 1Page - Toshiba Semiconductor TC55V16256JI Datasheet HTML 2Page - Toshiba Semiconductor TC55V16256JI Datasheet HTML 3Page - Toshiba Semiconductor TC55V16256JI Datasheet HTML 4Page - Toshiba Semiconductor TC55V16256JI Datasheet HTML 5Page - Toshiba Semiconductor TC55V16256JI Datasheet HTML 6Page - Toshiba Semiconductor TC55V16256JI Datasheet HTML 7Page - Toshiba Semiconductor TC55V16256JI Datasheet HTML 8Page - Toshiba Semiconductor TC55V16256JI Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC55V16256JI/FTI-12,-15
2002-01-07
5/11
AC CHARACTERISTICS (Ta
==== −−−−40° to 85°C
(See Note 1)
, VDD
==== 3.3 V ±±±± 0.3 V)
READ CYCLE
TC55V16256JI/FTI
-12
-15
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tRC
Read Cycle Time
12
15
tACC
Address Access Time
12
15
tCO
Chip Enable Access Time
12
15
tOE
Output Enable Access Time
6
8
tBA
Upper Byte, Lower Byte Access Time
6
8
tOH
Output Data Hold Time from Address Change
3
4
tCOE
Output Enable Time from Chip Enable
3
4
tOEE
Output Enable Time from Output Enable
1
1
tBE
Output Enable Time from Upper Byte, Lower Byte
1
1
tCOD
Output Disable Time from Chip Enable
7
8
tODO
Output Disable Time from Output Enable
7
8
tBD
Output Disable Time from Upper Byte, Lower Byte
7
8
ns
WRITE CYCLE
TC55V16256JI/FTI
-12
-15
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tWC
Write Cycle Time
12
15
tWP
Write Pulse Width
8
9
tCW
Chip Enable to End of Write
10
12
tBW
Upper Byte, Lower Byte Enable to End of Write
10
12
tAW
Address Valid to End of Write
10
12
tAS
Address Setup Time
0
0
tWR
Write Recovery Time
0
0
tDS
Data Setup Time
7
8
tDH
Data Hold Time
0
0
tOEW
Output Enable Time from Write Enable
1
1
tODW
Output Disable Time from Write Enable
7
8
ns
AC TEST CONDITIONS
Fig.1
PARAMETER
TEST CONDITION
Input Pulse Level
3.0 V/ 0.0 V
Input Pulse Rise and Fall Time
2 ns
Input Timing Measurement
Reference Level
1.5 V
Output Timing Measurement
Reference Level
1.5 V
Output Load
Fig.1
I/O pin
CL = 30 pF
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V
I/O pin
CL = 5 pF
870
(For tCOE, tOEE, tBE, tCOD,
tBD, tODO, tOEW and tODW)
3.3 V
1200


Numéro de pièce similaire - TC55V16256JI

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC55V16256J TOSHIBA-TC55V16256J Datasheet
448Kb / 9P
   262,144-WORD BY 16-BIT CMOS STATIC RAM
TC55V16256J-12 TOSHIBA-TC55V16256J-12 Datasheet
448Kb / 9P
   262,144-WORD BY 16-BIT CMOS STATIC RAM
TC55V16256J-15 TOSHIBA-TC55V16256J-15 Datasheet
448Kb / 9P
   262,144-WORD BY 16-BIT CMOS STATIC RAM
More results

Description similaire - TC55V16256JI

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com