Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA2123AF Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TA2123AF
Description  1.5V Stereo Headphone Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2123AF Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TA2123AF Datasheet HTML 1Page - Toshiba Semiconductor TA2123AF Datasheet HTML 2Page - Toshiba Semiconductor TA2123AF Datasheet HTML 3Page - Toshiba Semiconductor TA2123AF Datasheet HTML 4Page - Toshiba Semiconductor TA2123AF Datasheet HTML 5Page - Toshiba Semiconductor TA2123AF Datasheet HTML 6Page - Toshiba Semiconductor TA2123AF Datasheet HTML 7Page - Toshiba Semiconductor TA2123AF Datasheet HTML 8Page - Toshiba Semiconductor TA2123AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TA2123AF
2002-10-30
4
Terminal
No.
Name
Function
Internal Circuit
Terminal
Voltage
(V)
15
AMS DET
Input of AMS comparator circuit
0.73
40
AMS OUT
Output of AMS comparator circuit
High level: Rectangular pulse
Low level: “H”
VREF OUT
15
40
16
GND
0
17
RF OUT
Output of ripple filter
Ripple filter circuit supplies
internal circuit except power
drive stage with power source
1.22
18
BASE
Base biasing terminal of transistor
for ripple filter
0.5
19
VCC
1.3
24
RF IN
Ripple filter terminal
VCC
RF OUT
+
-
24
19
18
17
1.23
20
OUTA
22
OUTB
Output of power amplifier
0.56
26
PW NFB
29
PW NFA
NF of power amplifier
0.73
27
PW INB
28
PW INA
Input of power amplifier
(this terminal also has function of
an ADD amplifier input.)
to ADD amplifier
VREF OUT
VREF OUT
30kΩ
2kΩ
20kΩ
20kΩ
28
29
20
0.73
21
OUTC
Output of center amplifier
0.56
32
PW INC
Input of center amplifier
VREF OUT
VREF OUT
30kΩ
2kΩ
20kΩ
32
21
0.73
23
PW GND
Power GND for power drive stage
0
25
EQB
30
EQA
Equalizer circuit (this circuit
synchronizes with the BST SW)
Input impedance
: 1.9Ω (typ.)
1.8kΩ
30


Numéro de pièce similaire - TA2123AF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA2120 TOSHIBA-TA2120 Datasheet
555Kb / 16P
   LOW CONSUMPTION CURRENT STEREO GEADPHONE POWER AMPLIFIER FOR PORTABLE CD (3V USE)
logo
TAI-SAW TECHNOLOGY CO.,...
TA2120A TAI-SAW-TA2120A Datasheet
420Kb / 7P
   SAW Filter 2491.75 MHz SMD 3.0횞3.0 mm (BW=16.5 MHz)
logo
Transko Electronics, In...
TA2120AM TRANSKO-TA2120AM Datasheet
430Kb / 4P
   Wireless, RF SAW Filter
Revision 0: January 2009
logo
Toshiba Semiconductor
TA2120FN TOSHIBA-TA2120FN Datasheet
555Kb / 16P
   LOW CONSUMPTION CURRENT STEREO GEADPHONE POWER AMPLIFIER FOR PORTABLE CD (3V USE)
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
More results

Description similaire - TA2123AF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA8159FN TOSHIBA-TA8159FN Datasheet
459Kb / 12P
   1.5V STEREO HEADPHONE AMPLIFIER
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
   STEREO HEADPHONE AMPLIFIER (1.5V USE)
logo
Sanyo Semicon Device
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
logo
Toshiba Semiconductor
TA8157AF TOSHIBA-TA8157AF Datasheet
484Kb / 14P
   STEREO HEADPHONE POWER AMPLIFIER (1.5V USE)
TA8106F TOSHIBA-TA8106F Datasheet
420Kb / 8P
   STEREO HEADPHONE POWER AMPLIFIER (1.5V USE)
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M_08 Datasheet
173Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
LA4589W SANYO-LA4589W Datasheet
261Kb / 12P
   1.5V Stereo Headphone Preamplifier and Power Amplifier
LA4590W SANYO-LA4590W Datasheet
415Kb / 19P
   1.5V Stereo Headphone Preamplifier and Power Amplifier?
logo
KEC(Korea Electronics)
KIA8159FN KEC-KIA8159FN Datasheet
237Kb / 10P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (1.5V STEREO HEADPHONE AMPLIFIER)
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M Datasheet
68Kb / 3P
   Power Amp For 1.5V Headphone Stereo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com