Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M02066G-51 Fiches technique(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

No de pièce M02066G-51
Description  3.3 Volt Laser Driver IC for Applications to 3 Gbps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02066G-51 Fiches technique(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M02066G-51 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02066G-51 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02066G-51 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02066G-51 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02066G-51 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02066G-51 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02066G-51 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02066G-51 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02066G-51 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
02066-DSH-001-D
Mindspeed Technologies
®
November 2006
Preliminary Information / Mindspeed Proprietary and Confidential
The M02066 is a highly integrated, programmable laser driver intended for SONET/SDH applications with FEC to 3
Gbps. Using differential PECL data and clock inputs, the M02066 supplies the bias and modulation current
required to drive an edge-emitting laser. The modulation output can be DC-coupled to the laser diode, giving a
significant power saving over AC-coupled operation.
The M02066 includes automatic power control to maintain a constant average laser output power over temperature
and life. In addition, the modulation current can be temperature compensated to minimize variation in extinction
ratio over temperature.
Output flags indicate laser end of life as well as failure of the APC circuitry to maintain average output power.
General Note: This product was previously called the CX02066.
Features
• High speed operation; suitable for applications to 3 Gbps.
• Typical rise/fall times of 90 ps.
• DC or AC coupled modulation drive.
• Differential data and clock inputs to minimize pattern dependent
jitter.
• Independently Programmable Laser Bias and Modulation currents.
• Bias current to 100 mA and modulation current to 85 mA at VCC =
3.3 V
• Automatic Laser Power Control, with programmable temperature
compensation and ‘Slow-Start’.
• Bias and modulation current monitor
• Operates with +3.3 Volt supply
• Functionally compatible with MAX 3869
• The M02066-21 and M02066-51 are available in a BCC+24
package. The M02066-82 is available in a TQFP32 package.
• Available in RoHS compliant packages
Applications
• Short reach and Metro SONET/SDH
• Datacomms Modules
• Add/Drop Multiplexers
• Digital Cross Connects
Functional Block Diagram
X100
X60
Failure
Detect
DIS
ENA
60
60
FAIL
X1
OCA
BIASMON
MODMON
IBIAS
IMOD
OUT-
OUT+
VCC
IBIAS
RMPCSET
V CC
CMPC
VREF
PD
OCA SET
RD
GNDA
RSHUNT
CSHUNT
CEN
CLK
D
Q
DATA
MPC SET
NOTE: BCC+24 Package
PD and MPC
SET are com m on on P in 13
BIAS
MO N and M O DMON are com m on on P in 4
Preliminary Information
This document contains information on a new product. The parametric information, although not
fully characterized, is the result of testing initial devices.
M02066
3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet


Numéro de pièce similaire - M02066G-51

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
M02066G-51 MA-COM-M02066G-51 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
More results

Description similaire - M02066G-51

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02067 MA-COM-M02067_17 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
02067-DSH-001-G MA-COM-02067-DSH-001-G Datasheet
349Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com