Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M02061-EVM Fiches technique(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

No de pièce M02061-EVM
Description  3.3 or 5 Volt Laser Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02061-EVM Fiches technique(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button M02061-EVM Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
M02061-12/-21
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
7
3.3 or 5 Volt Laser Driver
Rev V6
1.4
AC Characteristics
(VCC = 3.05 V to 3.55V or 4.75V to 5.4V, TA = -40 °C to +95 °C, unless otherwise noted)
Typical values are at VCC = 3.3 V, IBIASOUT = 30 mA, IMOD = 30 mA, 25 ohm load and TA = 25 °C, unless otherwise
noted.
VBH
Bias_OK
upper
voltage
threshold
1.45
1.6
1.7
V
VFAULTL
Lower voltage threshold for
fault inputs IBIASOUT, OUT+,
CAPC, AND MODSET
FAIL asserts if any of these signals fall below this
value.
300
400
mV
VOUT_DIS
Self bias voltage for IBIASOUT
and OUT+
DIS = high
0.5
1.65
2.2
V
VSHDWNL
SHDWNOUT
output
low
voltage
DIS = low, ISHDWNOUT ≤ 100uA
VCC - 4
V
VSHDWNH
SHDWNOUT
output
high
voltage
DIS = low, ISHDWNOUT ≤ 10uA
VCC - 0.3V
V
NOTES:
1.
When VCC = 5V, VCC3 “supply OK” circuitry monitors the internally regulated 3.3V supply. When VCC = 3.3V, VCC3 “supply OK” circuitry monitors VCC.
Table 1-4.
AC Characteristics (1 of 2)
Symbol
Parameter
Conditions
Minimum Typical Maximum
Units
IMOD
Modulation current range
3.3V operation, AC coupled, OUT+ and OUT-
>1.6V
5V operation, DC coupled(1) into a 25
Ω load to
VCC - 1.2V. OUT+ and OUT- >1.15V
10
10
–100
80
mA
IMOD(OFF) Modulation current with output disabled DIS = high
300
µA
Ratio of modulation current to MODMON
current
–100
A/A
IMOD-TC
Programmable range for modulation
current temperature coefficient
Adjustable using TCSLOPE (2)
0–
104
ppm/°C
Table 1-3.
DC Characteristics (3 of 3)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units


Numéro de pièce similaire - M02061-EVM

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
M02061-EVM MA-COM-M02061-EVM Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
More results

Description similaire - M02061-EVM

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com