Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9182 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce SI9182
Description  Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9182 Fiches technique(HTML) 4 Page - Vishay Siliconix

  SI9182 Datasheet HTML 1Page - Vishay Siliconix SI9182 Datasheet HTML 2Page - Vishay Siliconix SI9182 Datasheet HTML 3Page - Vishay Siliconix SI9182 Datasheet HTML 4Page - Vishay Siliconix SI9182 Datasheet HTML 5Page - Vishay Siliconix SI9182 Datasheet HTML 6Page - Vishay Siliconix SI9182 Datasheet HTML 7Page - Vishay Siliconix SI9182 Datasheet HTML 8Page - Vishay Siliconix SI9182 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Si9182
Vishay Siliconix
www.vishay.com
4
Document Number: 71150
S-41221—Rev. F, 28-Jun-04
TIMING WAVEFORMS
VIN
0.95 VNOM
VOUT
VOUT
ERROR
VNOM
tDELAY
FIGURE 4.
Timing Diagram for Power-Up
tON
PIN CONFIGURATION
5
CNOISE
SD
GND
SENSE or ADJ
VIN
VOUT
MSOP-8
6
7
8
2
3
4
1
Top View
DELAY
ERROR
PIN DESCRIPTION
Pin Number
Name
Function
1
CNOISE
Noise bypass pin. For low noise applications, a 0.01-mF or larger ceramic capacitor should be connected from this pin
to ground.
2
DELAY
Capacitor connected from this pin to ground will allow a delayed power-on-reset signal at the ERROR (Pin 7) output.
Refer to Figure 4.
3
GND
Ground pin. Local ground for CNOISE and COUT.
4
VIN
Input supply pin. Bypass this pin with a 2.2-mF ceramic or tantalum capacitor to ground.
5
VOUT
Output voltage. Connect COUT between this pin and ground.
6
SENSE or ADJ
For fixed output voltage versions, this pin should be connected to VOUT (Pin 5). For adjustable output voltage version,
this voltage feedback pin sets the output voltage via an external resistor divider.
7
ERROR
This open drain output is an error flag output which goes low when VOUT drops 5% below its nominal voltage. This pin
also provides a power-on-reset signal if a capacitor is connected to the DELAY pin.
8
SD
By applying less than 0.4 V to this pin, the device will be turned off. Connect this pin to VIN if unused.


Numéro de pièce similaire - SI9182

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91821DB VISHAY-SI91821DB Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91821DH-18-T1 VISHAY-SI91821DH-18-T1 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91821DH-18-T1-E3 VISHAY-SI91821DH-18-T1-E3 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91821DH-25-T1 VISHAY-SI91821DH-25-T1 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
More results

Description similaire - SI9182

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
Vishay Siliconix
SI9181 VISHAY-SI9181 Datasheet
125Kb / 10P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. D, 19-Apr-04
SI9181 VISHAY-SI9181_05 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Vishay Siliconix
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
logo
ON Semiconductor
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com