Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9182 Fiches technique(PDF) 7 Page - Vishay Siliconix

No de pièce SI9182
Description  Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9182 Fiches technique(HTML) 7 Page - Vishay Siliconix

Back Button SI9182 Datasheet HTML 2Page - Vishay Siliconix SI9182 Datasheet HTML 3Page - Vishay Siliconix SI9182 Datasheet HTML 4Page - Vishay Siliconix SI9182 Datasheet HTML 5Page - Vishay Siliconix SI9182 Datasheet HTML 6Page - Vishay Siliconix SI9182 Datasheet HTML 7Page - Vishay Siliconix SI9182 Datasheet HTML 8Page - Vishay Siliconix SI9182 Datasheet HTML 9Page - Vishay Siliconix SI9182 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Si9182
Vishay Siliconix
Document Number: 71150
S-41221—Rev. F, 28-Jun-04
www.vishay.com
7
TYPICAL WAVEFORMS
Load Transient Response-1
ILOAD
100 mA/div
VOUT
10 mV/div
VOUT = 3.3 V
COUT = 2.2 mF
ILOAD = 1 to 150 mA
trise = 2 msec
Load Transient Response-2
VOUT = 3.3 V
COUT = 2.2 mF
ILOAD = 150 to 1 mA
tfall = 2 msec
5.00 ms/div
ILOAD
100 mA/div
VOUT
10 mV/div
Load Transient Response-3
ILOAD
100 mA/div
VOUT
10 mV/div
VOUT = 3.3 V
COUT = 1.0 mF
ILOAD = 1 to 150 mA
trise = 2 msec
Load Transient Response-4
VOUT = 3.3 V
COUT = 1.0 mF
ILOAD = 150 to 1 mA
tfall = 2 msec
5.00 ms/div
ILOAD
100 mA/div
VOUT
10 mV/div
LineTransient Response-1
VOUT
10 mV/div
VIN
2 V/div
VINSTEP = 4.3 to 5.3 V
VOUT = 3.3 V
COUT = 2.2 mF
CIN = 10 mF
ILOAD = 250 mA
trise = 5 msec
5.00 ms/div
VOUT
1 V/div
LineTransient Respons-2
VINSTEP = 5.3 to 4.3 V
VOUT = 3.3 V
COUT = 2.2 mF
CIN = 10 mF
ILOAD = 250 mA
tfall = 5 msec
VOUT
10 mV/div
5.00 ms/div
5.00 ms/div
5.00 ms/div


Numéro de pièce similaire - SI9182

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91821DB VISHAY-SI91821DB Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91821DH-18-T1 VISHAY-SI91821DH-18-T1 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91821DH-18-T1-E3 VISHAY-SI91821DH-18-T1-E3 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91821DH-25-T1 VISHAY-SI91821DH-25-T1 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
More results

Description similaire - SI9182

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
Vishay Siliconix
SI9181 VISHAY-SI9181 Datasheet
125Kb / 10P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. D, 19-Apr-04
SI9181 VISHAY-SI9181_05 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Vishay Siliconix
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
logo
ON Semiconductor
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com