Moteur de recherche de fiches techniques de composants électroniques |
|
SI2400-KS Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers |
|
SI2400-KS Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 76 page Si2400 Rev. 0.95 5 Figure 1. Test Circuit for Loop Characteristics Table 3. DC Characteristics (VD = 4.75 to 5.25 V, TA = 0 to 70°C for K-Grade, TA = –40 to 85°C for B-Grade) Parameter Symbol Test Condition Min Typ Max Unit High Level Input Voltage VIH 3.5 — — V Low Level Input Voltage VIL —— 0.8 V High Level Output Voltage VOH IO = –2 mA 2.4 — — V Low Level Output Voltage VOL IO = 2 mA — — 0.4 V Low Level Output Voltage, GPIO1–4 VOL IO = 40 mA — — 0.6 V Input Leakage Current IL –10 — 10 µA Power Supply Current, Digital* ID VD pin — 28 32 mA Power Supply Current, DSP Power Down* ID VD pin — 16 19 mA Power Supply Current, Wake-On-Ring (ATZ) ID VD pin — 10 11 mA Power Supply Current, Total Power Down ID VD pin — 60 105 µA *Note: Specifications assume MCKR = 0 (default). Typical value is 4 mA lower when MCKR = 1 and 6 mA lower when MCKR = 2,3. Measurements are taken with inputs at rails and no loads on outputs. Table 4. DC Characteristics (VD = 3.0 to 3.6 V, TA = 0 to 70°C for K-Grade, TA = –40 to 85°C for B-Grade) Parameter Symbol Test Condition Min Typ Max Unit High Level Input Voltage VIH 2.1 — — V Low Level Input Voltage VIL —— 0.8 V High Level Output Voltage VOH IO = –2 mA 2.4 — — V Low Level Output Voltage VOL IO = 2 mA — — 0.35 V Low Level Output Voltage, GPIO1–4 VOL IO = 20 mA — — 0.6 V Input Leakage Current IL –10 — 10 µA Power Supply Current, Digital ID VD pin — 15 21 mA Power Supply Current, DSP Power Down ID VD pin — 9 14 mA Power Supply Current, Wake-On-Ring ID VD pin — 5 8 mA Power Supply Current, Total Power Down ID VD pin — 40 55 µA *Note: Specifications assume MCKR = 0 (default). Typical value is 2 mA lower when MCKR = 1 and 3 mA lower when MCKR = 2,3. Measurements are taken with inputs at rails and no loads on outputs. Si3015 TIP RING 10 µF 600 Ω IL VTR + – |
Numéro de pièce similaire - SI2400-KS |
|
Description similaire - SI2400-KS |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |