Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA25C512HMNX Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce SA25C512HMNX
Description  512Kb EEPROM SPI with 10MHz and Low Standby
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SA25C512HMNX Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SA25C512HMNX Datasheet HTML 5Page - List of Unclassifed Manufacturers SA25C512HMNX Datasheet HTML 6Page - List of Unclassifed Manufacturers SA25C512HMNX Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25C512HMNX Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25C512HMNX Datasheet HTML 9Page - List of Unclassifed Manufacturers SA25C512HMNX Datasheet HTML 10Page - List of Unclassifed Manufacturers SA25C512HMNX Datasheet HTML 11Page - List of Unclassifed Manufacturers SA25C512HMNX Datasheet HTML 12Page - List of Unclassifed Manufacturers SA25C512HMNX Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SA25C512 Data Sheet
SAIFUN
9
Serial Interface
Description
Master
The device that generates the SCK.
Slave
As the SCK pin is always an input, the
SA25C512 always operates as a slave.
Transmitter/Receiver
The
SA25C512
has
separate
pins
designated for data transmission and
reception.
Serial Opcode
The first byte is received after the device is
selected. This byte contains the opcode
that defines the operation to be performed
(for more details, refer to Table 5,
page 10).
Invalid Opcode
If an invalid opcode is received, no data is
shifted into the SA25C512, and the serial
output pin remains in a high impedance
state until a CSb falling edge is detected
again,
which
reinitializes
the
serial
communication.
Chip Select (CSb)
The SA25C512 is selected when the CSb
pin is low. When the device is not selected,
data is not accepted via the SI pin, and the
SO pin remains in a high impedance state.
HOLDb
The HOLDb pin is used in conjunction with
the CSb pin to select the SA25C512. When
the device is selected and a serial
sequence is underway, HOLDb can be
used to pause the serial communication
with the master device without resetting the
serial sequence. To pause, the HOLDb pin
must be brought low while the SCK pin is
low. To resume serial communication, the
HOLDb pin is brought high while the SCK
pin is low (SCK may still toggle during
HOLDb). Inputs to the SI pin are ignored
while the SO pin is in the high impedance
state.
Write Protect
The WPb pin enables write operations to
the Status register when held high. When
the WPb pin is brought low and the
WPBEN bit is 1, all write operations to the
status register are inhibited (for more
details, refer to Table 8, page 11). If WPb
goes low while CSb is still low, the write to
the status register is interrupted. If the
internal write cycle has already been
initiated, WPb going low has no effect on
any write operation to the status register.
The WPb pin function is blocked when the
WPBEN bit in the status register is 0,
which enables the user to install the
SA25F020 in a system with the WPb pin
tied to ground but still able to write to the
status register. All WPb pin functions are
enabled when the WPBEN bit is set to 1.


Numéro de pièce similaire - SA25C512HMNX

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SA25C020 ETC-SA25C020 Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLF ETC-SA25C020LEMLF Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFF ETC-SA25C020LEMLFF Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFFX ETC-SA25C020LEMLFFX Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFX ETC-SA25C020LEMLFX Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
More results

Description similaire - SA25C512HMNX

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SA25C1024 ETC-SA25C1024 Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
logo
STMicroelectronics
AN970 STMICROELECTRONICS-AN970 Datasheet
69Kb / 10P
   SPI COMMUNICATION BETWEEN ST7 AND EEPROM
logo
Xicor Inc.
X5645 XICOR-X5645 Datasheet
117Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
logo
Intersil Corporation
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5643 RENESAS-X5643 Datasheet
734Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5328 INTERSIL-X5328 Datasheet
340Kb / 21P
   CPU Supervisor with 32Kbit SPI EEPROM
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com