Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS-SD803CC Fiches technique(PDF) 7 Page - Vishay Siliconix

No de pièce VS-SD803CC
Description  Fast Recovery Diodes (Hockey PUK Version), 845 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-SD803CC Fiches technique(HTML) 7 Page - Vishay Siliconix

  VS-SD803CC Datasheet HTML 1Page - Vishay Siliconix VS-SD803CC Datasheet HTML 2Page - Vishay Siliconix VS-SD803CC Datasheet HTML 3Page - Vishay Siliconix VS-SD803CC Datasheet HTML 4Page - Vishay Siliconix VS-SD803CC Datasheet HTML 5Page - Vishay Siliconix VS-SD803CC Datasheet HTML 6Page - Vishay Siliconix VS-SD803CC Datasheet HTML 7Page - Vishay Siliconix VS-SD803CC Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 95249
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 26-Nov-07
1
B-43
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
40.5 (1.59) DIA. MAX.
Quote between upper and lower pole pieces has to be considered after
application of mounting force (see Thermal and Mechanical Specifications)
3.5 (0.14) DIA. NOM. x
1.8 (0.07) deep MIN. both ends
0.8 (0.03) MIN.
both ends
25.3 (1) DIA. MAX.
2 places


Numéro de pièce similaire - VS-SD803CC

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-SD803CC VISHAY-VS-SD803CC_V01 Datasheet
346Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
01-Jan-2022
More results

Description similaire - VS-SD803CC

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-SD803CC VISHAY-VS-SD803CC_V01 Datasheet
346Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
01-Jan-2022
SD803C04S10C VISHAY-SD803C04S10C Datasheet
334Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
Revision: 04-Aug-08
SD803C04S10C VISHAY-SD803C04S10C_12 Datasheet
347Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
Revision: 04-Aug-08
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com