Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS-SD600N Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce VS-SD600N
Description  Standard Recovery Diodes (Stud Version), 600 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-SD600N Fiches technique(HTML) 1 Page - Vishay Siliconix

  VS-SD600N Datasheet HTML 1Page - Vishay Siliconix VS-SD600N Datasheet HTML 2Page - Vishay Siliconix VS-SD600N Datasheet HTML 3Page - Vishay Siliconix VS-SD600N Datasheet HTML 4Page - Vishay Siliconix VS-SD600N Datasheet HTML 5Page - Vishay Siliconix VS-SD600N Datasheet HTML 6Page - Vishay Siliconix VS-SD600N Datasheet HTML 7Page - Vishay Siliconix VS-SD600N Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VS-SD600N/R Series
www.vishay.com
Vishay Semiconductors
Revision: 21-Jan-14
1
Document Number: 93551
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard Recovery
Diodes (Stud Version), 600 A
FEATURES
• Wide current range
• High voltage ratings up to 3200 V
• High surge current capabilities
• Stud cathode and stud anode version
•Standard JEDEC® types
• Compression bonded encapsulations
• Designed and qualified for industrial level
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
• Converters
• Power supplies
• Machine tool controls
• High power drives
• Medium traction applications
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
600 A
Package
B-8
Circuit configuration
Single Diode
B-8
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
SD600N/R
UNITS
04 to 20
22 to 32
IF(AV)
600
600
A
TC
92
54
°C
IF(RMS)
940
940
A
IFSM
50 Hz
13 000
10 500
60 Hz
13 600
11 000
I2t
50 Hz
845
551
kA2s
60 Hz
772
503
VRRM
Range
400 to 2000
2200 to 3200
V
TJ
- 40 to 180
- 40 to 150
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
VS-SD600N/R
04
400
500
35
08
800
900
12
1200
1300
16
1600
1700
20
2000
2100
22
2200
2300
28
2800
2900
32
3200
3300


Numéro de pièce similaire - VS-SD600N

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-SD600NR VISHAY-VS-SD600NR Datasheet
194Kb / 8P
   Standard Recovery Diodes, (Stud Version), 600 A
01-Jan-2022
More results

Description similaire - VS-SD600N

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-SD600NR VISHAY-VS-SD600NR Datasheet
194Kb / 8P
   Standard Recovery Diodes, (Stud Version), 600 A
01-Jan-2022
SD600NR VISHAY-SD600NR Datasheet
201Kb / 9P
   Standard Recovery Diodes (Stud Version), 600 A
Revision: 17-Apr-08
SD600N22PC VISHAY-SD600N22PC Datasheet
187Kb / 9P
   Standard Recovery Diodes (Stud Version), 600 A
Revision: 17-Apr-08
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
   Standard Recovery Diodes (Stud Version), 380 A
Revision: 05-Aug-14
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com