Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS-SD300N Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce VS-SD300N
Description  Standard Recovery Diodes (Stud Version), 380 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-SD300N Fiches technique(HTML) 1 Page - Vishay Siliconix

  VS-SD300N Datasheet HTML 1Page - Vishay Siliconix VS-SD300N Datasheet HTML 2Page - Vishay Siliconix VS-SD300N Datasheet HTML 3Page - Vishay Siliconix VS-SD300N Datasheet HTML 4Page - Vishay Siliconix VS-SD300N Datasheet HTML 5Page - Vishay Siliconix VS-SD300N Datasheet HTML 6Page - Vishay Siliconix VS-SD300N Datasheet HTML 7Page - Vishay Siliconix VS-SD300N Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VS-SD300N/R Series
www.vishay.com
Vishay Semiconductors
Revision: 05-Aug-14
1
Document Number: 93545
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard Recovery Diodes
(Stud Version), 380 A
FEATURES
• Wide current range
• High voltage ratings up to 3200 V
• High surge current capabilities
• Stud cathode and stud anode version
•Standard JEDEC® types
• Compression bonded encapsulations
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
• Converters
• Power supplies
• Machine tool controls
• High power drives
• Medium traction applications
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
380 A
Package
DO-205AB (DO-9)
Circuit configuration
Single diode
DO-205AB (DO-9)
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VS-SD300N/R
UNITS
16 to 20
25 to 32
IF(AV)
380
380
A
TC
100
70
°C
IF(RMS)
595
425
A
IFSM
50 Hz
6050
6050
60 Hz
6335
6335
I2t
50 Hz
183
183
kA2s
60 Hz
167
167
VRRM
Range
1600 to 2000
2500 to 3200
V
TJ
- 40 to 180
- 40 to 150
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
VS-SD300N/R
16
1600
1700
15
20
2000
2100
25
2500
2600
28
2800
2900
32
3200
3300


Numéro de pièce similaire - VS-SD300N

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-SD300NR VISHAY-VS-SD300NR Datasheet
199Kb / 8P
   Standard Recovery Diodes, (Stud Version), 380 A
01-Jan-2022
More results

Description similaire - VS-SD300N

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-SD300NR VISHAY-VS-SD300NR Datasheet
199Kb / 8P
   Standard Recovery Diodes, (Stud Version), 380 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 25-Nov-13
VS-40HFR VISHAY-VS-40HFR Datasheet
165Kb / 9P
   Standard Recovery Diodes,(Stud Version), 40 A
Revision: 29-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com