Moteur de recherche de fiches techniques de composants électroniques |
|
VS-300U Fiches technique(PDF) 2 Page - Vishay Siliconix |
|
VS-300U Fiches technique(HTML) 2 Page - Vishay Siliconix |
2 / 7 page VS-300U(R) Series www.vishay.com Vishay Semiconductors Revision: 23-Mar-17 2 Document Number: 93508 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note (1) 302U-A uses case style B-26 Note • The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC FORWARD CONDUCTION PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum average forward current at case temperature IF(AV) 180° conduction, half sine wave 300 A 130 °C Maximum peak, one cycle forward, non-repetitive surge current IFSM t = 10 ms No voltage reapplied Sinusoidal half wave, initial TJ = TJ maximum 6550 A t = 8.3 ms 6850 t = 10 ms 100 % VRRM reapplied 5500 t = 8.3 ms 5750 Maximum I2t for fusing I2t t = 10 ms No voltage reapplied 214 kA2s t = 8.3 ms 195 t = 10 ms 100 % VRRM reapplied 151 t = 8.3 ms 138 Maximum I2 t for fusing I2 t t = 0.1 to 10 ms, no voltage reapplied 2140 kA2 s Maximum value of threshold voltage VF(TO) TJ = 200 °C 0.610 V Maximum value of forward slope resistance rf 0.751 m Maximum forward voltage drop VFM Ipk = 942 A, TJ = 25 °C 1.40 V THERMAL AND MECHANICAL SPECIFICATIONS PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum junction operating and storage temperature range TJ, TStg -65 to +200 °C Maximum thermal resistance, junction to case RthJC DC operation 0.18 K/W Maximum thermal resistance, case to heatsink RthCS Mounting surface, smooth, flat and greased 0.08 Maximum allowed mounting torque +0 -20 % Not lubricated threads 37 Nm Lubricated threads 28 Approximate weight 250 g Case style (JEDEC®) see dimensions - link at the end of datasheet DO-205AB (DO-9) (1) R thJC CONDUCTION CONDUCTION ANGLE SINUSOIDAL CONDUCTION RECTANGULAR CONDUCTION TEST CONDITIONS UNITS 180° 0.020 0.015 TJ = TJ maximum K/W 120° 0.024 0.025 90° 0.031 0.034 60° 0.045 0.047 30° 0.077 0.077 |
Numéro de pièce similaire - VS-300U |
|
Description similaire - VS-300U |