Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NE57814 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce NE57814
Description  DDR memory termination regulator with standby mode and enhanced efficiency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE57814 Fiches technique(HTML) 5 Page - NXP Semiconductors

  NE57814 Datasheet HTML 1Page - NXP Semiconductors NE57814 Datasheet HTML 2Page - NXP Semiconductors NE57814 Datasheet HTML 3Page - NXP Semiconductors NE57814 Datasheet HTML 4Page - NXP Semiconductors NE57814 Datasheet HTML 5Page - NXP Semiconductors NE57814 Datasheet HTML 6Page - NXP Semiconductors NE57814 Datasheet HTML 7Page - NXP Semiconductors NE57814 Datasheet HTML 8Page - NXP Semiconductors NE57814 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
Product data
NE57814
DDR memory termination regulator with
standby mode and enhanced efficiency
2003 Apr 03
5
TYPICAL PERFORMANCE CURVES
SL01687
Figure 3. VTT transient response
(output filter 50
µF ceramic)
SL01688
Figure 4. VDD-to-VTT response
(output filter 50
µF ceramic)
SL01686
Figure 5. Vref-to-VTT transient response
(output filter 820
µF + 50 µF ceramic)
SL01685
Figure 6. Vref-to-VTT transient response
(output filter 50
µF ceramic)


Numéro de pièce similaire - NE57814

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
NE57810 PHILIPS-NE57810 Datasheet
160Kb / 16P
   Advanced DDR memory termination power with external reference in
2003 Sep 12
NE57810 NXP-NE57810 Datasheet
95Kb / 16P
   Advanced DDR memory termination power with external reference voltage in
Rev. 04-24 November 2008
NE57810S PHILIPS-NE57810S Datasheet
160Kb / 16P
   Advanced DDR memory termination power with external reference in
2003 Sep 12
NE57810S NXP-NE57810S Datasheet
95Kb / 16P
   Advanced DDR memory termination power with external reference voltage in
Rev. 04-24 November 2008
NE57810TK NXP-NE57810TK Datasheet
285Kb / 18P
   Advanced DDR memory termination power with external reference voltage in
Rev.5-9 January2013
More results

Description similaire - NE57814

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
   DDR Memory Termination Regulator
April, 2015 ??Rev. 3
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
logo
Monolithic Power System...
MP20073 MPS-MP20073 Datasheet
437Kb / 11P
   2A, 1.3V.6.0V DDR Memory Termination Regulator
MP2007 MPS-MP2007 Datasheet
257Kb / 11P
   3A, 1.3V??.0V DDR Memory Termination Regulator
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com