Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP03AB220S03W Fiches technique(PDF) 1 Page - Toppower Electronic Technology Limited

No de pièce TP03AB220S03W
Description  3W,4W 3KVAC Isolation Wide Input AC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AB220S03W Fiches technique(HTML) 1 Page - Toppower Electronic Technology Limited

  TP03AB220S03W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AB220S03W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AB220S03W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP03(04)AB Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 1 /3
DESCRIPTION
The rated output power of TP03(04)AB is 3W,4W with wide input voltage range, for both AC input and DC
input application.High reliability, precision, large power density, ultra-small size, no external heat sink
required, stable output voltage and etc, with over current protection, EMI filter circuit, the rectifier filter
circuit, 3000V isolation voltage, short circuit, overload, internal thermal protection, Widely used in industrial
control, telecommunications,instrument, data acquisition, signal control and other electronic systems.
3W,4W 3KVAC Isolation Wide Input AC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
OUTPUT CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Output Voltage accuracy
±2
%
Line regulation
±0.2
%
Load regulation
±0.5
%
Protection
Over Voltage protection ,Over Current protection, Auto recovery
Ripple &Noise
20MHz bandwidth
(peak - peak value)
50
100
mv
The transient response time
1000
μS
Temperature drift coefficient
±0.03
%/
FEATURES
Universal input voltage range
Both for AC and DC input voltage
Wide input voltage: 4:1
Low power consumption,Low No-load consumption
High switching frequency , High output density
Output over-load,Short circuit protection
Low Ripple &Noise
RoHS compliant
Operating temperature : -40℃ to 70℃
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency (Typ. )
%
Voltage
Voltage
(VDC)
Current
(A)
Voltage
(VAC)
Voltage
(VDC)
TP03AB220S03W
85-265
120-370
3.3
0.60
64
TP03AB220S05W
85-265
120-370
5
0.60
68
TP03AB220S09W
85-265
120-370
9
0.33
70
TP03AB220S12W
85-265
120-370
12
0.25
72
TP03AB220S15W
90-264
120-370
15
0.20
76
TP04AB220S03W
90-264
120-370
3.3
0.80
64
TP04AB220S05W
90-264
120-370
5
0.80
68
TP04AB220S09W
90-264
120-370
9
0.44
70
TP04AB220S12W
90-264
120-370
12
0.33
74
TP04AB220S15W
90-264
120-370
15
0.266
76
INPUT CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Input Voltage Range
VDC
120
220
370
VDC
Input Voltage Range
VAC
85
220
265
VAC
Input Frequency
50
60
HZ
Input Current
115VAC
130
mA
Input Current
230VAC
80
mA
Inrush current
115VAC
10
A
Inrush current
230VAC
20
A
External fuse recommended value
1A/250V
hot swapping
Nonsupport
leak current
Full-Load
0.25mA


Numéro de pièce similaire - TP03AB220S03W

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TP03AB220S03W TOPPOWER-TP03AB220S03W Datasheet
547Kb / 3P
   3W,4W 3KVAC Isolation Wide Input AC/DC Converters
More results

Description similaire - TP03AB220S03W

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TP03AB TOPPOWER-TP03AB Datasheet
547Kb / 3P
   3W,4W 3KVAC Isolation Wide Input AC/DC Converters
TP04AC TOPPOWER-TP04AC Datasheet
712Kb / 3P
   4W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S03LSW TOPPOWER-TP03AL220S03LSW Datasheet
827Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_19 Datasheet
718Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V01 Datasheet
249Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_19 Datasheet
808Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA_17 Datasheet
470Kb / 4P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_17 Datasheet
525Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V02 Datasheet
426Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_17 Datasheet
426Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com