Moteur de recherche de fiches techniques de composants électroniques |
|
ST16C1451IP28 Fiches technique(PDF) 8 Page - Exar Corporation |
|
ST16C1451IP28 Fiches technique(HTML) 8 Page - Exar Corporation |
8 / 32 page ST16C1450/51 áç áç áç áç 2.97V TO 5.5V UART REV. 4.2.0 8 2.2 Crystal Oscillator or External Clock The 145X includes an on-chip oscillator (XTAL1 and XTAL2). The crystal oscillator provides the system clock to the Baud Rate Generators (BRG) in the UART. XTAL1 is the input to the oscillator or external clock buffer input with XTAL2 pin being the output. For programming details, see “Section 2.3, Programmable Baud Rate Generator” on page 8. The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant, fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100ppm frequency tolerance) connected externally between the XTAL1 and XTAL2 pins (see Figure 4). Alternatively, an external clock can be connected to the XTAL1 pin to clock the internal baud rate generator for standard or custom rates. Typical oscillator connections are shown in Figure 4. For further reading on oscillator circuit please see application note DAN108 on EXAR’s web site. 2.3 Programmable Baud Rate Generator The UART has its own Baud Rate Generator (BRG). The BRG divides the input crystal or external clock by a programmable divisor between 1 and (216 -1) to obtain a 16X sampling clock of the serial data rate. The sampling clock is used by the transmitter for data bit shifting and receiver for data sampling. The BRG divisor (DLL and DLM registers) defaults to a random value upon power up or a reset. Therefore, the BRG must be programmed during initialization to the operating data rate. Programming the Baud Rate Generator Registers DLM and DLL provides the capability of selecting the operating data rate. Table 1 shows the standard data rates available with a 14.7456 MHz crystal or external clock at 16X clock rate. When using a non-standard data rate crystal or external clock, the divisor value can be calculated for DLL/DLM with the following equation. FIGURE 4. TYPICAL OSCILLATOR CONNECTIONS divisor (decimal) = (XTAL1 clock frequency) / (serial data rate x 16) C1 22-47pF C2 22-47pF Y1 1.8432 MHz to 24 MHz R1 0-120 (Optional) R2 500K - 1M XTAL1 XTAL2 |
Numéro de pièce similaire - ST16C1451IP28 |
|
Description similaire - ST16C1451IP28 |