Moteur de recherche de fiches techniques de composants électroniques |
|
ST16C1451IP28 Fiches technique(PDF) 5 Page - Exar Corporation |
|
ST16C1451IP28 Fiches technique(HTML) 5 Page - Exar Corporation |
5 / 32 page áç áç áç áç ST16C1450/51 REV. 4.2.0 2.97V TO 5.5V UART 5 PIN DESCRIPTIONS NAME 28-PIN PDIP (1450) 28-PIN PDIP (1451) 28-PIN PLCC (1450) 28-PIN PLCC (1451) 48-PIN TQFP (145X) TYPE DESCRIPTION DATA BUS INTERFACE A0 A1 A2 21 20 19 21 20 19 21 20 19 21 20 19 30 28 27 I Address data lines [2:0]. A2:A0 selects internal UART’s configuration registers. D0 D1 D2 D3 D4 D5 D6 D7 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 43 45 46 47 3 4 5 6 I/O Data bus lines [7:0] (bidirectional). IOR# 16 15 16 15 20 I Input/Output Read (active low). The falling edge instigates an internal read cycle and retrieves the data byte from an internal register pointed by the address lines [A2:A0], places it on the data bus to allow the host processor to read it on the leading edge. IOW# 14 13 14 13 17 I Input/Output Write (active low). The falling edge instigates the internal write cycle and the rising edge transfers the data byte on the data bus to an internal register pointed by the address lines [A2:A0]. CS# 11 11 11 11 9 I Chip Select input (active low). A logic 0 on this pin selects the ST16C145X device. INT 18 18 18 18 23 O Interrupt Output (three-state, active high). INT output defaults to three-state mode and becomes active high when MCR bit-3 is set to a logic 1. INT output becomes a logic high level when interrupts are enabled in the interrupt enable register (IER), and whenever the transmitter, receiver, line and/or modem status register has an active condition. MODEM OR SERIAL I/O INTERFACE TX 10 10 10 10 8 O Transmit Data. This output is associated with individual serial transmit channel data from the 145X. The TX signal will be a logic 1 during reset, idle (no data), or when the transmitter is disabled. During the local loopback mode, the TX output pin is disabled and TX data is internally con- nected to the UART RX input. RX 9 9 9 9 7 I Receive Data. This input is associated with individual serial channel data to the 145X. Normal received data input idles at logic 1 condition. This input must be connected to its idle logic state, logic 1, else the receiver may report “receive break” and/or “error” condition(s). |
Numéro de pièce similaire - ST16C1451IP28 |
|
Description similaire - ST16C1451IP28 |