Moteur de recherche de fiches techniques de composants électroniques |
|
ST16C1450IJ28 Fiches technique(PDF) 10 Page - Exar Corporation |
|
ST16C1450IJ28 Fiches technique(HTML) 10 Page - Exar Corporation |
10 / 32 page ST16C1450/51 áç áç áç áç 2.97V TO 5.5V UART REV. 4.2.0 10 2.5 Receiver The receiver section contains an 8-bit Receive Shift Register (RSR) and a byte-wide Receive Holding Register (RHR). The RSR uses the 16X clock for timing. It verifies and validates every bit on the incoming character in the middle of each data bit. On the falling edge of a start or false start bit, an internal receiver counter starts counting at the 16X clock rate. After 8 clocks the start bit period should be at the center of the start bit. At this time the start bit is sampled and if it is still a logic 0 it is validated. Evaluating the start bit in this manner prevents the receiver from assembling a false character. The rest of the data bits and stop bits are sampled and validated in this same manner to prevent false framing. If there were any error(s), they are reported in the LSR register bits 2-4. Upon unloading the receive data byte from RHR, the error tags are immediately updated to reflect the status of the data byte in RHR register. RHR can generate a receive data ready interrupt upon receiving a characterThe RHR interrupt is enabled by IER bit-0. 2.5.1 Receive Holding Register (RHR) - Read-Only The Receive Holding Register is an 8-bit register that holds a receive data byte from the Receive Shift Register. It provides the receive data interface to the host processor. When there is data in the RHR register, the 3 error tags in LSR register (bits 2-4) indicates if there are any errors associated with that byte. FIGURE 5. TRANSMITTER OPERATION Transmit Holding Register (THR) Transmit Shift Register (TSR) Data Byte L S B M S B THR Interrupt (ISR bit-1) Enabled by IER bit-1 TXNOFIFO1 16X Clock |
Numéro de pièce similaire - ST16C1450IJ28 |
|
Description similaire - ST16C1450IJ28 |