Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C1450IJ28 Fiches technique(PDF) 1 Page - Exar Corporation

No de pièce ST16C1450IJ28
Description  2.97V TO 5.5V UART
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C1450IJ28 Fiches technique(HTML) 1 Page - Exar Corporation

  ST16C1450IJ28 Datasheet HTML 1Page - Exar Corporation ST16C1450IJ28 Datasheet HTML 2Page - Exar Corporation ST16C1450IJ28 Datasheet HTML 3Page - Exar Corporation ST16C1450IJ28 Datasheet HTML 4Page - Exar Corporation ST16C1450IJ28 Datasheet HTML 5Page - Exar Corporation ST16C1450IJ28 Datasheet HTML 6Page - Exar Corporation ST16C1450IJ28 Datasheet HTML 7Page - Exar Corporation ST16C1450IJ28 Datasheet HTML 8Page - Exar Corporation ST16C1450IJ28 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
áç
áç
áç
áç
ST16C1450/51
2.97V TO 5.5V UART
OCTOBER 2003
REV. 4.2.0
GENERAL DESCRIPTION
The
ST16C1450,
ST16C1451
series
(here
on
denoted as the 145X) is a universal asynchronous
receiver and transmitter (UART). The 145X is foot
print compatible to the SSI 73M1550 and SSI
73M2550 UART with one byte FIFO and higher
operating speed and lower access time. The 145X
provides enhanced UART functions with a modem
control interface, independent programmable baud
rate generators with clock rates to 1.5 Mbps. Onboard
status registers provide the user with error indications
and operational status. System interrupts and modem
control features may be tailored by external software
to meet specific user requirements. An internal loop-
back capability allows onboard diagnostics. The 145X
is available in a 28-pin PLCC/plastic-DIP, 48-pin
TQFP packages. The Baud rate generator can be
configured for either crystal or external clock input
with the exception of the 28 pin 1451 package. An
external clock must be provided for the 28 pin 1451
package. Each package type, with the exception of
the 28 pin 1450, provides a buffered reset output that
can be controlled through user software. The 145X is
fabricated in an advanced CMOS process to achieve
low drain power and high speed requirements. The
ST16C145X is not compatible with the industry
standard 16450 and will not work with the standard
serial port driver in MS Windows (see pages 15-16 for
details). For a MS Windows compatible UART, see
the ST16C450.
FEATURES
Pin and functionally compatible to SSI 73M1550/
2550
1 byte Transmit FIFO (THR)
1 byte Receive FIFO with error tags (RHR)
Four levels of prioritized interrupts
Modem Control Signals (CTS#, RTS#, DSR#,
DTR#, RI#, CD#)
Programmable character lengths (5, 6, 7, 8) with
even, odd or no parity
Crystal or external clock input (except 28 pin
ST16C1451, external clock only)
1.5 Mbps Transmit/Receive operation (24 MHz)
with programmable clock control
Power Down Mode (50 uA at 3.3 V, 200 uA at 5 V)
Software controllable reset output
2.97 to 5.5 Volt operation
APPLICATIONS
Battery Operated Electronics
Internet Appliances
Handheld Terminal
Personal Digital Assistants
Cellular Phones DataPort
FIGURE 1. BLOCK DIAGRAM
XT A L 1/C L K
XT A L 2
C rystal O sc/B u ffe r
DT R# , RTS #
DSR# , CTS #,
CD#, R I#
Data B u s
In te rfac e
TH R
Baud Rate G e nerato r
T ran sm itter
UAR T
Co nfig ura tio n
Regs
IO R #
RHR
R eceive r
M o d e m Co ntro l S ign a ls
TX
RX
IN T
A2:A 0
D7:D 0
CS#
IO W #
R ESET
RST


Numéro de pièce similaire - ST16C1450IJ28

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C1450IJ28 EXAR-ST16C1450IJ28 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
More results

Description similaire - ST16C1450IJ28

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L784 EXAR-XR16L784_08 Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784CV-F EXAR-XR16L784CV-F Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784 Datasheet
625Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784_05 Datasheet
873Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L788 EXAR-XR16L788_05 Datasheet
893Kb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ-F EXAR-XR16L788CQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788 EXAR-XR16L788_08 Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com