Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C1450IP28 Fiches technique(PDF) 4 Page - Exar Corporation

No de pièce ST16C1450IP28
Description  2.97V TO 5.5V UART
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C1450IP28 Fiches technique(HTML) 4 Page - Exar Corporation

  ST16C1450IP28 Datasheet HTML 1Page - Exar Corporation ST16C1450IP28 Datasheet HTML 2Page - Exar Corporation ST16C1450IP28 Datasheet HTML 3Page - Exar Corporation ST16C1450IP28 Datasheet HTML 4Page - Exar Corporation ST16C1450IP28 Datasheet HTML 5Page - Exar Corporation ST16C1450IP28 Datasheet HTML 6Page - Exar Corporation ST16C1450IP28 Datasheet HTML 7Page - Exar Corporation ST16C1450IP28 Datasheet HTML 8Page - Exar Corporation ST16C1450IP28 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ST16C1450/51
áç
áç
áç
áç
2.97V TO 5.5V UART
REV. 4.2.0
4
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING
TEMPERATURE
RANGE
DEVICE STATUS
ST16C1450CP28
28-Lead PDIP
0°C to +70°C
Discontinued. See the ST16C1450CQ48 for a replacement.
ST16C1450CJ28
28-Lead PLCC
0°C to +70°C
Active
ST16C1450CQ48
48-Lead TQFP
0°C to +70°C
Active
ST16C1451CP28
28-Lead PDIP
0°C to +70°C
Discontinued. See the ST16C1450CQ48 for a replacement.
ST16C1451CJ28
28-Lead PLCC
0°C to +70°C
Discontinued. See the ST16C1450CQ48 for a replacement.
ST16C1451CQ48
48-Lead TQFP
0°C to +70°C
Discontinued. See the ST16C1450CQ48 for a replacement.
ST16C1450IP28
28-Lead PDIP
-40°C to +85°C Discontinued. See the ST16C1450IQ48 for a replacement.
ST16C1450IJ28
28-Lead PLCC
-40°C to +85°C Active
ST16C1450IQ48
48-Lead TQFP
-40°C to +85°C Active
ST16C1451IP28
28-Lead PDIP
-40°C to +85°C Discontinued. See the ST16C1450IQ48 for a replacement.
ST16C1451IJ28
28-Lead PLCC
-40°C to +85°C Discontinued. See the ST16C1450IQ48 for a replacement.
ST16C1451IQ48
48-Lead TQFP
-40°C to +85°C Discontinued. See the ST16C1450IQ48 for a replacement.


Numéro de pièce similaire - ST16C1450IP28

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C1450IJ28 EXAR-ST16C1450IJ28 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
ST16C1450IQ48 EXAR-ST16C1450IQ48 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
More results

Description similaire - ST16C1450IP28

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L784 EXAR-XR16L784_08 Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784CV-F EXAR-XR16L784CV-F Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784 Datasheet
625Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784_05 Datasheet
873Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L788 EXAR-XR16L788_05 Datasheet
893Kb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ-F EXAR-XR16L788CQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788 EXAR-XR16L788_08 Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com